Electronic Components Datasheet Search
  English  ▼

X  

SC1112TSTRT Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC1112TSTRT
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTRT Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC1112TSTRT Datasheet HTML 15Page - Semtech Corporation SC1112TSTRT Datasheet HTML 16Page - Semtech Corporation SC1112TSTRT Datasheet HTML 17Page - Semtech Corporation SC1112TSTRT Datasheet HTML 18Page - Semtech Corporation SC1112TSTRT Datasheet HTML 19Page - Semtech Corporation SC1112TSTRT Datasheet HTML 20Page - Semtech Corporation SC1112TSTRT Datasheet HTML 21Page - Semtech Corporation SC1112TSTRT Datasheet HTML 22Page - Semtech Corporation SC1112TSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
23
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Outline Drawing - SO-16
Minimum Land Pattern - SO-16
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information
SEE DETAIL
DETAIL
A
A
.050 BSC
.236 BSC
16
.010
.150
.386
.154
.390
.012
-
16
0.25
1.27 BSC
6.00 BSC
3.90
9.90
-
.157
.394
3.80
9.80
.020 0.31
4.00
10.00
0.51
bxN
2X N/2 TIPS
SEATING
aaa C
E/2
2X
3
A
D
A1
E1
bbb
C A-B D
ccc C
A2
(.041)
.004
.008
-
.028
-
-
-
-
0°
.016
.007
.049
.004
.053
8°
0°
0.20
0.10
-
8°
0.40
0.17
1.25
0.10
.041
.010
.069
.065
.010
1.35
(1.04)
0.72
-
1.04
0.25
-
-
-
1.75
1.65
0.25
0.25
-
.010
.020
0.50
-
c
L
(L1)
01
0.25
GAGE
PLANE
h
h
PLANE
N
12
3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
OR GATE BURRS.
-B-
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
NOTES:
1.
2.
-A-
-H-
SIDE VIEW
A
e
B
e/2
D
H
C
REFERENCE JEDEC STD MS-012, VARIATION AC.
4.
A2
A1
D
E1
DIM
N
01
ccc
aaa
bbb
L1
MIN
MILLIMETERS
DIMENSIONS
e
L
h
E
b
c
NOM
INCHES
MIN
A
MAX
MAX
NOM
E
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
NOTES:
1.
REFERENCE IPC-SM-782A, RLP NO. 304A.
2.
.291
.087
.024
.118
(.205)
INCHES
DIMENSIONS
Z
P
Y
X
DIM
C
G
MILLIMETERS
.050
(5.20)
7.40
2.20
0.60
3.00
1.27
Z
G
Y
P
(C)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com