Electronic Components Datasheet Search
  English  ▼

X  

SC4901ITSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4901ITSTRT
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901ITSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4901ITSTRT Datasheet HTML 5Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 6Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 9Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 10Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 11Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 12Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
 2005 Semtech Corp.
www.semtech.com
SC4901
POWER MANAGEMENT
Application Information (Cont.)
The RCT pin has a timing capacitor CT connected to AGND
and a charging resistor RT connected to the source, which
is typically derived from the transformer voltage. The RCT
pin is clamped to 3V peak internally and the ramp operates
between 0V and 3V. The high side forward pulse is
terminated whenever the RCT ramp hits the 3V peak.
Ensure that the ramp reaches this peak only after the
negative transition of the transformer voltage, even under
the worst case conditions of high line and maximum
applicable duty ratio. Otherwise the available pulse width
for post regulation will be limited. On the other hand, the
timing capacitor should get charged fully to 3V prior to
positive transition of the transformer voltage. This will
ensure that the dead time between the rectifying and
forward gate drives is consistently maintained. Ideally the
ramp should be charged to its peak of 3V just after the
falling edge of the transformer secondary voltage so that
the voltage error amplifier output utilises the full range of
0 to 3V. This is shown in the idealised waveforms below.
Fig 2. Idealised ZCD and RCT waveforms
The timings for the idealised waveforms above are easier
to implement if the transformer has some form of constant
volt-second operation or control; the secondary voltage can
be directly used to charge the timing capacitor CT. The
maximum input current into the RCT pin under clamped
conditions should be limited to 2 mA.
Turn On Sequence
Prior to transformer voltage going positive, the ramp
capacitor is at its maximum of 3.0V. On the rising edge of
transformer secondary, 0.75V at the ZCD pin is detected
first and OUTB gate drive goes low which turns off the low
side rectifying FET QR (Fig. 1). Simultaneously a current
sink of 10 mA is activated to discharge the timing capacitor
CT to the lower threshold of 1V. This discharge time
provides the delay between turn off of rectifying FET and
turn on of the forward MOSFETs and is given by
2
.
0
×
= CT
DLon
where CT is the ramp capacitor value in pF and DLon is
the dead time in nS. The actual dead time is extended by
the propagation delays internal to the controller, which
should be taken into account while choosing CT. The
propagation delays are typically in the range of a few tens
of nanoseconds.
When the RCT pin goes down to 1V, OUTA is enabled to
drive the high side pair of FETs. Meanwhile, on the rising
edge of ZCD pin, a higher threshold of 3.5V is detected.
Once both these conditions have been met, OUTA goes
high, XFRA and the forward FETs QS and QF are turned on.
Setting the RCT Ramp
The CT capacitor is typically charged from the transformer
secondary voltage through RT. The current through RT is
given by (V
SEC - VFWD - VCT) / RT
where
V
SEC
= Peak of the transformer secondary voltage
V
FWD
= Forward drop of the signal diode (D1 in Fig 1)
V
CT
= Instantaneous capacitor voltage
As a first approximation the average current can be
assumed to be (V
SEC - 2V ) / RT.
ZCD INPUT
XFR SEC
VOLTAGE
RCT RAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com