Electronic Components Datasheet Search
  English  ▼

X  

SC4901ITSTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC4901ITSTRT
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901ITSTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC4901ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 9Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 10Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 11Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 12Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 13Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 14Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 15Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
 2005 Semtech Corp.
www.semtech.com
SC4901
POWER MANAGEMENT
Application Information (Cont.)
Fig 3b. Driving the Pulse Transformer with > 50% duty ratio using using a series capacitor
Fig 3c. Driving a Pulse Transformer with > 50% duty ratio using using a zener for reset
PGN D
DRES
DTO
RGS
RG
X F R A PIN IS PR OV IDED TO
SIM PLIF Y PU LSE
TR A N SF OR M ER DESIGN
X F R A IS A N O PEN C O LLEC TOR
THA T TU R N S ON W HEN OU TA
IS ON
F OR OPER A TIN G DU TY RA TIO S
OF > 5 0 % A Z EN ER M A Y B E
A DDED IN REV ER SE SERIES
W ITH D R ES A S SHO W N
X F R A PIN W ILL B E STR ESSED
TO PV C C + Z EN ER V OLTA GE
DU R IN G THE OFF PER IOD
GA TE VOLTAGE W ILL ALW A Y S
B E EQ U A L TO PV C C DU R IN G
ON TIM E IR R ESPEC TIV E OF
DU TY R A TIO
Curre nt
Se nse
QR
QF
CT
••
••
L
ZC D
15
CAO
3
CS -
2
CS +
1
OUT B
6
SSE N
4
XF RA
7
PVC C
9
PG ND
8
VC C
5
GN D
16
OUT A
10
RE F
11
VE A-
12
VE A
13
RC T
14
P W M L O G I C
A N D
O U T P U T
D R I V E R S
T RANSFORM ER
SECONDARY
SYNC AND RAM P
+
+-
-
QS
DVCC
COUT
RT
RZ
PV C C
VOU T
VSEC
RTN
SC 49 01
SIN GLE
EN DED
FOR W A R D
CO N V ER TOR
C SS
XF R A
Z RES
OPTION A L
PGN D
DRES
DTO
RGS
RG
X F R A PIN IS PR O V IDED TO
SIM P LIF Y PU LSE
TR A N SF O R M ER DESIGN
X F R A IS A N O PEN
COLLECTO R THA T TU R N S
O N W HEN O U TA IS O N
F O R OPE R A TIN G DU TY
R A TIOS OF > 50% A
CA PA CITOR CA N B E
C ON N EC TED IN SER IES
WITH PU LSE
TR A N SF O R M ER
'DR ES' A N D 'C R ES'
TOGETHER R ESE T THE
PU LSE XF R DU RIN G THE
O FF TIM E.
GA TE DR IV E V OLTA GE
A PPLIED IS R EDU C E D B Y
THE V OLTA GE A C R O SS 'C
R ES'. THIS HA PE N S O N LY
W HEN D > 50 %
Curre nt
Se n se
QR
QF
CT
••
••
ZCD
15
CAO
3
CS-
2
CS+
1
OUT B
6
SSE N
4
XFRA
7
PVCC
9
PGN D
8
VCC
5
GND
16
OUT A
10
RE F
11
VE A-
12
VE A
13
RCT
14
P W M L O G I C
A N D
O U T P U T
D R I V E R S
TRANSFO RMER
SECONDARY
SYNC AND RAM P
+
+-
-
L
QS
DVCC
COUT
RT
RZ
PV C C
VOU T
VSEC
RTN
SC 49 01
SIN GLE
EN DED
FO R W A R D
CON V ER TO R
C SS
XF RA
C R E S
OPTION A L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com