Electronic Components Datasheet Search
  English  ▼

X  

SC2463 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2463
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2463 Datasheet HTML 7Page - Semtech Corporation SC2463 Datasheet HTML 8Page - Semtech Corporation SC2463 Datasheet HTML 9Page - Semtech Corporation SC2463 Datasheet HTML 10Page - Semtech Corporation SC2463 Datasheet HTML 11Page - Semtech Corporation SC2463 Datasheet HTML 12Page - Semtech Corporation SC2463 Datasheet HTML 13Page - Semtech Corporation SC2463 Datasheet HTML 14Page - Semtech Corporation SC2463 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Applications Information (Cont.)
Shoot through control circuitry provides a 30ns dead time
to ensure both the upper and lower MOSFET will not turn
on simultaneously and cause a shoot through condition.
Error Amplifier and PWM Controller
Error Amplifier and PWM Controller
Error Amplifier and PWM Controller
Error Amplifier and PWM Controller
Error Amplifier and PWM Controller
In closed loop operation, the internal oscillator ramp
ranges from 0.75V to 3.8V. The error amplifier output
ranges determines duty-ratio of a converter. The synchro-
nous continuous-conduction mode of operation allows
the SC2463 to regulate the output irrespective of the
direction of the load current.
The SC2463 uses voltage-mode control for good noise
immunity and ease of compensation. The low-side
MOSFET of each channel is turned off at the falling-edge
of the phase timing clock. After a brief non-overlapping
time interval of 30ns, the high-side MOSFET is turned
on. The phase inductor current ramps up. When the in-
ternal ramp reaches the threshold determined by the
error amplifier output, the high-side MOSFET is turned
off. As long as phase voltage collapses below 1.5V, the
low-side MOSFET is turned on.
Buck Converter
Buck Converter
Buck Converter
Buck Converter
Buck Converter
Buck converter design includes the following specifica-
tions:
Input voltage range:
]
V
,
V
[
V
max
,
in
min
,
in
in ∈
Input voltage ripple (peak-to-peak):
∆V
in
Output voltage: V
o
Output voltage accuracy:
ε
Output voltage ripple (peak-to-peak):
∆V
o
Nominal output (load) current: I
o
Maximum output current limit: I
o,max
Output (load) current transient slew rate: dI
o (A/s)
Circuit efficiency:
η
Selection criteria and design procedures for the
following are described:
1) output inductor (L) type and value
2) output capacitor (C
o) type and value
3) input capacitor (C
in) type and value
4) power MOSFETs
5) current sensing and limiting circuit
6) voltage sensing circuit
7) loop compensation network
Operating Frequency (f
Operating Frequency (f
Operating Frequency (f
Operating Frequency (f
Operating Frequency (f
sssss)))))
The switching frequency in the SC2463 is user-
programmable. The advantages of using constant
frequency operation are simple passive component
selection and ease of feedback compensation. Before
setting the operating frequency, the following trade-offs
should be considered:
1) Passive component size
2) Circuitry efficiency
3) EMI condition
4) Minimum switch on time and
5) Maximum duty ratio
For a given output power, the sizes of the passive
components are inversely proportional to the switching
frequency, whereas MOSFET/Diode switching losses are
proportional to the operating frequency. Other issues
such as heat dissipation, packaging and the cost issues
are also to be considered. The frequency bands for
signal transmission should be avoided because of EM
interference.
Minimum Switc
Minimum Switc
Minimum Switc
Minimum Switc
Minimum Switch On Time Consideration
h On Time Consideration
h On Time Consideration
h On Time Consideration
h On Time Consideration
In the SC2463, the falling edge of the clock turns on
the top MOSFET. The inductor current and the sensed
voltage ramp up. After the internal ramp voltage crosses
a threshold determined by the error amplifier output,
the top MOSFET is turned off. The propagation delay
time from the turn-on of the controlling FET to its turn-
off is the minimum switch on time. The SC2463 has a
minimum on time of about 50ns at room temperature.
This is the shortest on interval of the controlling FET.
The controller either does not turn on the top MOSFET
at all or turns it on for at least 50ns.
For a synchronous step-down converter, the operating
duty cycle is V
O/VIN. So the required on time for the top
MOSFET is V
O/(VINfs). If the frequency is set such that
the required pulse width is less than 50ns, then the
converter will start skipping cycles. Due to minimum on
time limitation, simultaneously operating at very high
switching frequency and very short duty cycle is not
practical. If the voltage conversion ratio V
O/VIN and
hence the required duty cycle is higher, the switching
frequency can be increased to reduce the size of passive
components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com