Electronic Components Datasheet Search
  English  ▼

X  

SC2463 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2463
Description  High Performance Quad Output Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2463 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2463 Datasheet HTML 12Page - Semtech Corporation SC2463 Datasheet HTML 13Page - Semtech Corporation SC2463 Datasheet HTML 14Page - Semtech Corporation SC2463 Datasheet HTML 15Page - Semtech Corporation SC2463 Datasheet HTML 16Page - Semtech Corporation SC2463 Datasheet HTML 17Page - Semtech Corporation SC2463 Datasheet HTML 18Page - Semtech Corporation SC2463 Datasheet HTML 19Page - Semtech Corporation SC2463 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
 2007 Semtech Corp.
www.semtech.com
SC2463
POWER MANAGEMENT
Applications Information (Cont.)
.
f
V
I)
1
)(
t
t
(
P
s
in
o
2
f
r
2
1
ts
δ
+
+
=
where t
r is the rise time and tf is the fall time of the
switching process. Different manufactures have different
definitions and test conditions for t
r
and t
f
. To clarify
these, we sketch the typical MOSFET switching
characteristics under clamped inductive mode in Figure
6.
Figure 6. MOSFET switching characteristics
Where,
Q
gs1 is the gate charge needed to bring the gate-to-source
voltage V
gs to the threshold voltage Vgs_th,
Q
gs2 is the additional gate charge required for the switch
current to reach its full-scale value I
ds
.
and
Q
gd is the charge needed to charge gate-to-drain (Miller)
capacitance when V
ds is falling.
Switching losses occur during the time interval [t
1, t3].
Defining t
r = t3-t1 and tr can be approximated as
.
V
V
R
)
Q
Q
(
t
gsp
cc
gt
gd
2
gs
r
−
+
=
where R
gt is the total resistance from the driver supply
rail to the gate of the MOSFET. It includes the gate driver
internal impedance R
gi, external resistance Rge and the
gate resistance R
g within the MOSFET i.e.
R
gt = Rgi+Rge+Rg.
V
gsp is the Miller plateau voltage shown in Figure 11.
Similarly an approximate expression for t
f is
.
V
R
)
Q
Q
(
t
gsp
gt
gd
2
gs
f
+
=
Only a portion of the total losses P
g = QgVccfs is dissipated
in the MOSFET package. Here Q
g is the total gate charge
specified in the datasheet. The power dissipated within
the MOSFET package is
.
f
V
Q
R
R
P
s
cc
g
gt
g
tg =
The total power loss of the top switch is then
P
t = Ptc+Pts+Ptg.
If the input supply of the power converter varies
over a wide range, then it will be necessary to weigh
the relative importance of conduction and switching
losses. This is because conduction losses are inversely
proportional to the input voltage. Switching loss how-
ever increases with the input voltage. The total power
loss of MOSFET should be calculated and compared for
high-line and low-line cases. The worst case is then
used for thermal design.
Bottom Switch:
The RMS current in bottom switch can be shown to be
.
)
1
)(
D
1
(
I
I
12
o
rms
,
2
Q
2
δ
+
−
=
The conduction losses are then
P
bc=IQ2,rms
2
R
ds(on).
where R
ds(on) is the channel resistance of bottom MOSFET.
If the input voltage to output voltage ratio is high (e.g.
V
in=12V, Vo=1.5V), the duty ratio D will be small. Since
the bottom switch conducts with duty ratio (1-D), the
corresponding conduction losses can be quite high.
Due to non-overlapping conduction between the top and
the bottom MOSFET’s, the internal body diode or the
external Schottky diode across the drain and source
terminals always conducts prior to the turn on of the
bottom MOSFET. The bottom MOSFET switches on with
only a diode voltage between its drain and source
terminals. The switching loss
s
d
o
2
f
r
2
1
bs
f
V
I)
1
)(
t
t
(
P
δ
+
+
=
is negligible due to near zero-voltage switching.
The gate losses are estimated as
.
f
V
Q
R
R
P
s
cc
g
gt
g
bg =
The total bottom switch losses are then
P
b=Pbc+Pbs+Pbg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com