Electronic Components Datasheet Search
  English  ▼

X  

SC1205HSTR Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1205HSTR
Description  high speed syncronous power mosfet driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1205HSTR Datasheet(HTML) 5 Page - Semtech Corporation

  SC1205HSTR Datasheet HTML 1Page - Semtech Corporation SC1205HSTR Datasheet HTML 2Page - Semtech Corporation SC1205HSTR Datasheet HTML 3Page - Semtech Corporation SC1205HSTR Datasheet HTML 4Page - Semtech Corporation SC1205HSTR Datasheet HTML 5Page - Semtech Corporation SC1205HSTR Datasheet HTML 6Page - Semtech Corporation SC1205HSTR Datasheet HTML 7Page - Semtech Corporation SC1205HSTR Datasheet HTML 8Page - Semtech Corporation SC1205HSTR Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1205H
PRELIMINARY
Pin Configuration
Ordering Information
Pin Descriptions
Top View
(SO-8)
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
PT
(
e
g
n
a
R
p
m
e
T
J)
R
T
S
H
5
0
2
1
C
S8
-
O
SC
°
5
2
1
o
t
°
0
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1N
R
D
n
i
p
s
i
h
T
.
s
T
E
F
S
O
M
s
u
o
n
o
r
h
c
n
y
s
d
n
a
g
n
i
h
c
t
i
w
s
e
h
t
f
o
n
o
i
t
c
n
u
j
e
h
t
o
t
s
t
c
e
n
n
o
c
n
i
p
s
i
h
T
.
n
o
i
t
a
r
e
p
o
g
n
i
t
c
e
f
f
e
t
u
o
h
t
i
w
D
N
G
P
o
t
e
v
i
t
a
l
e
r
m
u
m
i
n
i
m
V
2
-
a
o
t
d
e
t
c
e
j
b
u
s
e
b
n
a
c
2G
T.
T
E
F
S
O
M
)
e
d
i
s
-
h
g
i
h
(
g
n
i
h
c
t
i
w
s
e
h
t
r
o
f
e
v
i
r
d
e
t
a
g
t
u
p
t
u
O
3T
S
B
e
h
t
p
o
l
e
v
e
d
o
t
s
n
i
p
N
R
D
d
n
a
T
S
B
n
e
e
w
t
e
b
d
e
t
c
e
n
n
o
c
s
i
r
o
t
i
c
a
p
a
c
A
.
n
i
p
p
a
r
t
s
t
o
o
B
y
ll
a
c
i
p
y
t
s
i
e
u
l
a
v
r
o
t
i
c
a
p
a
c
e
h
T
.
T
E
F
S
O
M
e
d
i
s
-
h
g
i
h
e
h
t
r
o
f
e
g
a
t
l
o
v
p
a
r
t
s
t
o
o
b
g
n
i
t
a
o
l
f
.
)
c
i
m
a
r
e
c
(
F
µ
1
d
n
a
F
µ
1
.
0
n
e
e
w
t
e
b
4O
C.
s
r
e
v
i
r
d
T
E
F
S
O
M
e
h
t
o
t
l
a
n
g
i
s
t
u
p
n
i
l
e
v
e
l
-
L
T
T
5N
E
G
B
d
n
a
G
T
,
w
o
l
n
e
h
W
.
e
c
i
v
e
d
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
e
h
t
s
e
l
b
a
n
e
n
i
p
s
i
h
t
,
h
g
i
h
n
e
h
W
.
A
µ
0
1
n
a
h
t
s
s
e
l
s
i
)
V
5
(
t
n
e
r
r
u
c
y
l
p
p
u
s
e
h
t
d
n
a
w
o
l
d
e
c
r
o
f
e
r
a
6S
V
D
N
G
P
o
t
V
5
m
o
r
f
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
1
-
2
2
.
A
.
y
l
p
p
u
s
V
0
.
9
-
V
5
.
n
i
p
s
i
h
t
o
t
e
s
o
l
c
y
r
e
v
7G
B.
T
E
F
S
O
M
)
m
o
t
t
o
b
(
s
u
o
n
o
r
h
c
n
y
s
e
h
t
r
o
f
e
v
i
r
d
t
u
p
t
u
O
8D
N
G
P
.
e
c
r
u
o
s
s
T
E
F
S
O
M
s
u
o
n
o
r
h
c
n
y
s
e
h
t
o
t
e
s
o
l
c
n
i
p
s
i
h
t
p
e
e
K
.
d
n
u
o
r
G
Note:
(1) All logic level inputs and outputs are open collector TTL compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com