Electronic Components Datasheet Search
  English  ▼

X  

SC1205HSTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1205HSTR
Description  high speed syncronous power mosfet driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1205HSTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1205HSTR Datasheet HTML 4Page - Semtech Corporation SC1205HSTR Datasheet HTML 5Page - Semtech Corporation SC1205HSTR Datasheet HTML 6Page - Semtech Corporation SC1205HSTR Datasheet HTML 7Page - Semtech Corporation SC1205HSTR Datasheet HTML 8Page - Semtech Corporation SC1205HSTR Datasheet HTML 9Page - Semtech Corporation SC1205HSTR Datasheet HTML 10Page - Semtech Corporation SC1205HSTR Datasheet HTML 11Page - Semtech Corporation SC1205HSTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1205H
PRELIMINARY
The top MOS.ET source must be close to the bottom
MOS.ET drain to prevent ringing and the possibility of
the phase node going negative. This frequency is deter-
mined by:
)
Coss
*
L
(
Sqrt
*
2
(
1
Fring
ST
Π
=
-Where:
L
st = The effective stray inductance of the top .ET added
to trace inductance of the connection between top .ET’s
source and the bottom .ET’s drain added to the trace
resistance of the bottom .ET’s ground connection.
Coss = Drain to source capacitance of bottom .ET. If
there is a Schottky used, the capacitance of the Schottky
is added to this value.
Although this ringing does not pose any power losses due
to a fairly high Q, it could cause the phase node to go too
far negative, thus causing improper operation, double
pulsing or at worst driver damage. On the SC1205H,
the drain node, DRN, can go as far as 2V below ground
without affecting operation or sustaining damage.
The ringing is also an EMI nuisance due to its high reso-
nant frequency. Adding a capacitor, typically 1000-
2000pf, in parallel with Coss of the bottom .ET can of-
ten eliminate the EMI issue.
Prevent Driver Overvoltage
The negative voltage spikes on the phase node adds to
the bootstrap capacitor voltage, thus increasing the volt-
age between VBST - VDRN. This is of special importance
if higher boost voltages are used. If the phase node
negative spikes are too large, the voltage on the boost
capacitor could exceed device’s absolute maximum rat-
ing of 12V. To eliminate the effect of the ringing on the
boost capacitor voltage, place a 4.7 - 10 Ohm resistor
between boost Schottky diode and Vcc to filter the nega-
tive spikes on DRN Pin. Alternately, a Silicon diode, such
as the commonly available 1N4148 can substitute for
the Schottky diode and eliminate the need for the series
resistor.
Proper layout will guarantee minimum ringing and elimi-
nate the need for external components. Use of SO-8 or
other surface mount MOS.ETs while increasing thermal
resistance, will reduce lead inductance as well as radi-
ated EMI.
Over Temperature Shutdown
The SC1205H will shutdown by pulling both driver if its
junction temperature, T
J, exceeds 165°C.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com