Electronic Components Datasheet Search
  English  ▼

X  

AMS4155 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS4155
Description  2A OUTPUT PWM BUCK CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4155 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS4155 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS4155
Monolithic
2A OUTPUT PWM BUCK CONVERTER
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Stable with low ESR Output Ceramic Capacitors
• Battery Chargers
• Up to 95% Efficiency
• Portable (Notebook) Computers
• 2A Continuous Output Current
• Industrial power supply
• Wide 4.75V to 20V Operating Input Range
• Point of regulation for high performance electronics
• Fixed 480kHz Frequency
• Consumer Electronics
• Thermal Shutdown
• Audio Power Amplifiers
• Cycle-by-cycle + hiccup Over Current Protection
• Distributed Power Systems
• Under Voltage Lockout
• Pre-Regulator for Linear Regulators
• Frequency Synchronization Input
• LCD TVs and LCD monitors
• Operating Temperature: -40°C to 125°C
• Available in an 8-Pin SO Package
GENERAL DESCRIPTION
The AMS4155 is a monolithic step down switch mode converter with a built in internal power Switch Transistor. It achieves 2A
continuous output current over a wide input supply range with excellent load and line regulation.
Current mode operation provides fast transient response and eases loop stabilization. Fault condition protection includes cycle-
by-cycle current limiting and thermal shutdown. In shutdown mode the regulator draws 17µA of supply current.
ORDERING INFORMATION
TYPICAL APPLICATION
PIN CONNECTIONS
INPUT
1
µF
10 µH
OUTPUT
5V/3A
B230A
30k
Ω
10k
Ω
40µF
ceramic
470
µF/
10µF CER
5k
Ω
10nF
1
2
3
4
5
6
7
8
GND
VIN
BST
EN
COMP
F/B
SYNC
LX
AMS4155
OFF
ON
OUTPUT
PACKAGE TYPE
TEMP. RANGE
VOLTAGE
8 Lead SOIC
Adjustable
AMS4155S
-25°C to 125°C
8L SOIC
SO Package (S)
2
8
3
4
7
6
5
FB
GND
LX
COMP
BST
VIN
1
EN
SYNC
Top View


Similar Part No. - AMS4155

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
AMS4154S ADMOS-AMS4154S Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
More results

Similar Description - AMS4155

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
2A OUTPUT PWM BUCK CONVERTER
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
PWM Control 2A Buck Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
2A / 330KHz PWM Buck Converter
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com