Electronic Components Datasheet Search
  English  ▼

X  

AMS4155 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS4155
Description  2A OUTPUT PWM BUCK CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS4155 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS4155 Datasheet HTML 1Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 2Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 3Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 4Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 5Page - Advanced Monolithic Systems AMS4155 Datasheet HTML 6Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS4155
ABSOLUTE MAXIMUM RATINGS
VIN
28V
LX
-1V to +28V
F/B
-0.3V to +6V
COMP
-0.3V to +6V
EN
-0.3V to +6V
SYNC
-0.3v to +6V
BST
VLX + 6V
Junction Temperature
+150
°C
Storage Temperature
-65
°C to +150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA= 25 °C and VIN=12V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
AMS4155
Min.
Typ.
Max.
Units
Feedback Voltage
4.75V ≤ VIN ≤ 20V, VCOMP < 2V
1.215
1.255
1.285
V
Switch On Resistance
0.18
Ω
Switch Leakage
VEN = 0V; VLX = 0V
0
10
µA
Current Limit (1)
3.4
4
6
A
Current Amplifier Gain
1.9
A/V
Error Amplifier Voltage Gain
400
V/V
Error Amplifier Transconductance
∆IC = ± 10µA
730
µA/V
Oscillator Frequency
420
460
500
KHz
Sync Frequency
Sync Drive 0.5V to 2.7V
0.460
1.1
MHz
Maximum Duty Cycle
VFB = 1.0V
85
%
Minimum Duty Cycle
VFB = 1.5V
3.2
%
Enable Threshold
2.2
2.475
2.55
V
Enable Hysteresis
220
mV
Enable Pull-up Current
0.7
µA
Under Voltage Lockout
Threshold Rising
2.4
2.5
2.6
V
Under Voltage Lockout
Threshold Hysteresis
200
mV
Supply Current (Shutdown)
VEN ≤ 0.4V
17
25
µA
Supply Current (Quiescent)
VEN ≥ 2.8V; VFB = 1.5V
0.95
1.1
mA
Thermal Shutdown
153
°C
Note:
1) Equivalent output current = 1.5A ≥ 50% Duty Cycle
2.0A ≤ 50% Duty Cycle
Assumes ripple current = 30% of load current.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com