Electronic Components Datasheet Search
  English  ▼

X  

AMS6101S Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS6101S
Description  2A SWITCH STEP-UP DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS6101S Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS6101S Datasheet HTML 1Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 2Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 3Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 4Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
Advanced
AMS6101
Monolithic
2A SWITCH STEP-UP DC/DC CONVERTER
Systems
RoHS compliant
FEATURES
APPLICATIONS
• 2A, 0.2Ω, internal switch
• LCD TVs and LCD monitors
• Operating voltage as low as 2.7V
• Battery Chargers
• 600 kHz operation frequency
• Portable (Notebook) Computers
• Over temperature protection
• Handheld Devices
• 8-Lead SOIC-EDP package
• Portable Applications
• Consumer Electronics
• GSM/CDMA Phones
• Digital Cameras
GENERAL DESCRIPTION
The AMS6101 is an adjustable step-up DC/DC converter with a 2A internal switch. With the ability to set the output voltage up
to 23V, the AMS6101 is an ideal part for biasing TFT displays. The AMS6101 can be operated at switching frequencies of 600
kHz allowing for easy filtering and low noise. An external compensation pin gives the user flexibility in setting frequency
compensation, which makes possible the use of small, low ESR ceramic capacitors at the output. The AMS6101 is available in a
low profile 8-lead SOIC EDP (thermally enhanced) package.
ORDERING INFORMATION
PIN CONNECTIONS
TYPICAL APPLICATION
OUTPUT
PACKAGE TYPE
TEMP.
VOLTAGE
8 Lead SOIC
RANGE
Adjustable
AMS6101S
-25°C to 125°C
8L SOIC
SO Package (S)
FB
COMP
PGND
VCC
PGD
SW
EN
AGND
1
2
8
4
3
7
5
6
Top View


Similar Part No. - AMS6101S

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS6104 AMS-AMS6104 Datasheet
227Kb / 6P
1A SWITCH BOOST CONVERTER
logo
Advanced Monolithic Sys...
AMS6104 ADMOS-AMS6104 Datasheet
227Kb / 6P
Internal Power Switch
logo
Advanced Monolithic Sys...
AMS6104M1 AMS-AMS6104M1 Datasheet
227Kb / 6P
1A SWITCH BOOST CONVERTER
More results

Similar Description - AMS6101S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
Step-Up DC/DC Converter
Rev. 0.1 Apr. 14, 2004
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
Step-Up DC/DC Converter
Rev. 1.0 May. 5, 2005
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
Step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
STEP-UP DC/DC CONVERTER
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618_V01 Datasheet
1Mb / 15P
28V Internal Switch, Step-Up DC-DC Converter
2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com