Electronic Components Datasheet Search
  English  ▼

X  

AMS6101S Datasheet(PDF) 2 Page - Advanced Monolithic Systems

Part # AMS6101S
Description  2A SWITCH STEP-UP DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS6101S Datasheet(HTML) 2 Page - Advanced Monolithic Systems

  AMS6101S Datasheet HTML 1Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 2Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 3Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 4Page - Advanced Monolithic Systems AMS6101S Datasheet HTML 5Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced Monolithic Systems, Inc. www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS6101
PIN DESCRIPTION
AMS6101
PIN
NUMBERS
NAME
DESCRIPTION
1
VCC
Analog power input.
2
PWGD
Power good output. Open collector output. A low on the pin indicates that the output is less
than the desired output voltage. There is an internal rising filter on the output of the PWGD
comparator.
3
SW
Power switch input. Internal switch connected between SW pin and GND pin.
4
AGND
Analog ground.
5
COMP
Compensation network connection. Connected to the output of the voltage error amplifier.
6
F/B
Feedback input pin of the error comparator.
7
PGND
Power Ground-Noisy internal ground-Return currents from the power switch (SW).
8
EN
Shutdown control input, active high.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com