Electronic Components Datasheet Search
  English  ▼

X  

AMS1585 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS1585
Description  4.6A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1585 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS1585 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS1585
Monolithic
4.6A LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• Three Terminal Adjustable or Fixed Voltages
• High Efficiency Linear Regulators
1.5V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V
• Post Regulators for Switching Supplies
• Output Current of 4.6A
• Microprocessor Supply
• Operates Down to 1.35V Dropout
• Battery Chargers
• Load Regulation: 0.1%
• Constant Current Regulators
• Line Regulation: 0.015%
• Notebook/Personal Computer Supplies
• TO-220 and TO-263 packages available
• Portable Instrumentation
GENERAL DESCRIPTION
h
The AMS1585 series of adjustable and fixed voltage regulators are designed to provide 4.6A output current and to operate
down to 1.35V input-to-output differential at maximum output current, decreasing at lower load currents.
On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the stress under overload
conditions on both the regulator and power source circuitry.
The AMS1585 devices are pin compatible with older three-terminal regulators and are offered in 3 lead TO-220 package and 3
lead TO-263 (Plastic DD).
ORDERING INFORMATION:
PACKAGE TYPE
OPERATING JUNCTION
3 Lead TO-220
3 Lead TO-263
TEMPERATURE RANGE
AMS1585CT
AMS1585CM
0 to 125
° C
AMS1585CT-1.5
AMS1585CM-1.5
0 to 125
° C
AMS1585CT-2.5
AMS1585CM-2.5
0 to 125
° C
AMS1585CT-2.85
AMS1585CM-2.85
0 to 125
° C
AMS1585CT-3.0
AMS1585CM-3.0
0 to 125
° C
AMS1585CT-3.3
AMS1585CM-3.3
0 to 125
° C
AMS1585CT-3.5
AMS1585CM-3.5
0 to 125
° C
AMS1585CT-5
AMS1585CM-5
0 to 125
° C
PIN CONNECTIONS
FIXED VERSION
ADJUSTABLE VERSION
1- Ground
2- VOUT
3- VIN
1- Adjust
2- VOUT
3- VIN
1
2
3
TAB IS
OUTPUT
FRONT VIEW
1
2
3
TAB IS
OUTPUT
FRONT VIEW


Similar Part No. - AMS1585

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1585 ADMOS-AMS1585 Datasheet
72Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM ADMOS-AMS1585CM Datasheet
72Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-15 ADMOS-AMS1585CM-15 Datasheet
72Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-25 ADMOS-AMS1585CM-25 Datasheet
72Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
AMS1585CM-285 ADMOS-AMS1585CM-285 Datasheet
72Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1585

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1585 ADMOS-AMS1585 Datasheet
72Kb / 8P
4.6A LOW DROPOUT VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX Datasheet
215Kb / 8P
4.6A LOW DROPOUT POSITIVE REGULATORS
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
4.6A Low Dropout Positive Regulators
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com