Electronic Components Datasheet Search
  English  ▼

X  

AMS1585 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS1585
Description  4.6A LOW DROPOUT VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS1585 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS1585 Datasheet HTML 1Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 2Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 3Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 4Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 5Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 6Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 7Page - Advanced Monolithic Systems AMS1585 Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS1585
TYPICAL PERFORMANCE CHARACTERISTICS
-2.0
-1.0
0
1.0
2.0
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (° C)
0
1.5
3
4.5
6
0
1
Dropout Voltage
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
-50 -25
0
25
50
75 100 125 150
02
46
810
12
0
6
2
4
2
Short-Circuit Current
Load Regulation
14
0
0
-0.2
0.3
50 60 70 80 90 100 110
0
50
0
100
-40
60
0
0.2
0.4
0.6
0.8
1.0
0
50
100
Temperature Stability
Ripple Rejection vs. Current
10
20
30
40
60
70
80
90
0
20
40
60
80
100
1k
10k
100k
Ripple Rejection
10
30
50
70
100
50
1
2
3
-0.3
~
~
~
~
-0.1
0
0.1
0.2
Load Transient Response
200
Line Transient Response
12
13
14
~
~
~
~
-60
-20
0
20
40
Maximum Power Dissipation*
120 130 140 150
10
20
30
40
TIME (
µs)
TIME (
µs)
CASE TEMPERATURE (° C)
*AS LIMITED BY MAXIMUM JUNCTION TEMPERATURE
FREQUENCY (Hz)
OUTPUT CURRENT (0 TO I
FULL LOAD)
INPUT/OUTPUT DIFFERENTIAL (V)
TEMPERATURE (° C)
OUTPUT CURRENT (A)
f
R = 120Hz
V
RIPPLE≤ 3VP-P
f
R =20kHz
V
RIPPLE≤ 0.5VP-P
I
OUT=IFULL LOAD
(V
IN-VOUT)≥VDROPOUT
V
RIPPLE≤ 3VP-P
V
RIPPLE≤ 0.5VP-P
(V
IN-VOUT) ≥ 3V
C
ADJ = 0
V
OUT = 10V
I
IN = 0.2A
C
IN = 1µF TANTALUM
C
OUT = 10µF TANTALUM
V
OUT = 10V
V
IN = 13V
PRELOAD = 100mA
C
IN = 1µF
C
OUT = 10µF TANTALUM
C
ADJ = 0
∆I = 4.6A
T
J =150° C
T
J =25° C
1
5
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com