Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74A
Description  SN74LVC74A-Q1 Automotive Dual Positive-Edge-Triggered D-Type Flip-Flop With Clear and Preset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC74A Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC74A Datasheet HTML 1Page - Texas Instruments SN74LVC74A Datasheet HTML 2Page - Texas Instruments SN74LVC74A Datasheet HTML 3Page - Texas Instruments SN74LVC74A Datasheet HTML 4Page - Texas Instruments SN74LVC74A Datasheet HTML 5Page - Texas Instruments SN74LVC74A Datasheet HTML 6Page - Texas Instruments SN74LVC74A Datasheet HTML 7Page - Texas Instruments SN74LVC74A Datasheet HTML 8Page - Texas Instruments SN74LVC74A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3 Pin Configuration and Functions
Figure 3-1. D or PW Package, 14-Pin SOIC or
TSSOP (Top View)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
2CLR
2D
2CLK
2PRE
2Q
1D
1CLK
1PRE
1Q
1Q
Figure 3-2. BQA Package 14-Pin WQFN With
Exposed Thermal Pad (Top View)
Table 3-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
SOIC, TSSOP, VQFN
1CLK
3
I
Channel 1 clock input
1 CLR
1
I
Channel 1 clear input. Pull low to set Q output low.
1D
2
I
Channel 1 data input
1 PRE
4
I
Channel 1 preset input. Pull low to set Q output high.
1Q
5
O
Channel 1 output
1 Q
6
O
Channel 1 inverted output
2CLK
11
I
Channel 2 clock input
2 CLR
13
I
Channel 2 clear input. Pull low to set Q output low.
2D
12
I
Channel 2 data input
2 PRE
10
I
Channel 2 preset input. Pull low to set Q output high.
2Q
9
O
Channel 2 output
2 Q
8
O
Channel 2 Inverted output
GND
7
—
Ground
NC
—
—
No connect
VCC
14
—
Supply
Thermal pad
—
Connect the GND pin to the exposed thermal pad for correct
operation. Connect the thermal pad to any internal PCB ground plane
using multiple vias for good thermal performance.
(1)
I = input, O = output, P = power, FB = feedback, GND = ground, N/A = not applicable
www.ti.com
SN74LVC74A-Q1
SCES481E – AUGUST 2003 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74LVC74A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com