Electronic Components Datasheet Search
  English  ▼

X  

SC2615 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2615
Description  Complete DDR Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2615 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2615 Datasheet HTML 1Page - Semtech Corporation SC2615 Datasheet HTML 2Page - Semtech Corporation SC2615 Datasheet HTML 3Page - Semtech Corporation SC2615 Datasheet HTML 4Page - Semtech Corporation SC2615 Datasheet HTML 5Page - Semtech Corporation SC2615 Datasheet HTML 6Page - Semtech Corporation SC2615 Datasheet HTML 7Page - Semtech Corporation SC2615 Datasheet HTML 8Page - Semtech Corporation SC2615 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2615
Pin Configuration
Ordering Information
Pin Descriptions
Notes:
(1) Only available in tape and reel packaging. A reel
contains 3000 devices.
s
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
R
T
L
M
5
1
6
2
C
S
)
1
(
8
1
-
P
L
M
Top View
(MLP-18)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1B
F.
O
D
L
y
b
d
n
a
t
s
d
n
a
Q
D
D
V
e
h
t
r
o
f
k
c
a
b
d
e
e
F
2S
N
S
T
T
VV
T
T
.t
u
p
n
i
e
s
n
e
s
e
t
o
m
e
r
d
n
a
k
c
a
b
d
e
e
f
O
D
L
3D
N
G
L.
d
n
u
o
r
g
r
o
t
a
l
u
g
e
r
T
T
V
4Y
B
T
S
V
5V
C
I
C
C
m
o
r
f.
y
b
d
n
a
t
s
V
5
6
,
5T
T
V
n
a
h
t
s
s
e
l
d
e
c
a
l
p
e
b
t
s
u
m
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
c
F
µ
1
-
F
µ
1
.
0
A
.t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
T
T
V
.
d
n
u
o
r
G
o
t
s
n
i
p
T
T
V
m
o
r
f
h
c
n
i
5
2
.
0
7Y
B
T
S
Q
D
D
V.t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
"
y
r
o
m
e
m
o
t
d
n
e
p
s
u
s
"
Q
D
D
V
8N
I
Q
D
D
VV
o
t
t
u
p
n
i
y
l
p
p
u
s
Q
D
D
V
T
T
.r
o
t
a
l
u
g
e
r
9C
C
V
3
.
3.l
i
a
r
r
e
w
o
P
t
u
p
n
I
0
1D
O
O
G
P.r
o
t
a
c
i
d
n
i
d
o
o
g
r
e
w
o
p
r
o
t
a
l
u
g
e
r
Q
D
D
V
1
1T
U
C
_
F
B
.
3
S
g
n
ir
u
d
T
E
F
S
O
M
T
U
C
_
F
B
e
h
t
s
l
o
r
t
n
o
C
.
p
i
h
c
"
e
u
l
G
"
m
o
r
f
l
a
n
g
i
s
T
U
C
_
F
B
2
1D
N
G
A.
d
n
u
o
r
g
g
o
l
a
n
A
4
1
,
3
1C
N.
n
o
it
c
e
n
n
o
C
o
N
5
1G
T.
T
E
F
S
O
M
t
u
p
t
u
o
Q
D
D
V
r
o
f
l
o
r
t
n
o
c
r
o
t
a
l
u
g
e
R
6
1C
C
V
2
1.l
o
r
t
n
o
c
Q
D
D
V
r
o
f
y
l
p
p
u
S
7
1C
N.
n
o
it
c
e
n
n
o
c
o
N
8
1N
E
/
S
S.l
o
r
t
n
o
c
e
l
b
a
n
E
/t
r
a
t
s
tf
o
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com