Electronic Components Datasheet Search
  English  ▼

X  

SC2615 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2615
Description  Complete DDR Power Solution
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2615 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2615 Datasheet HTML 3Page - Semtech Corporation SC2615 Datasheet HTML 4Page - Semtech Corporation SC2615 Datasheet HTML 5Page - Semtech Corporation SC2615 Datasheet HTML 6Page - Semtech Corporation SC2615 Datasheet HTML 7Page - Semtech Corporation SC2615 Datasheet HTML 8Page - Semtech Corporation SC2615 Datasheet HTML 9Page - Semtech Corporation SC2615 Datasheet HTML 10Page - Semtech Corporation SC2615 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
POWER MANAGEMENT
SC2615
7
 2003 Semtech Corp.
www.semtech.com
Description
The Semtech SC2615 DDR power supply controller is
the latest and most complete linear regulator, providing
the necessary functions to comply with the BF_CUT signal
generated by IntelR Motherboards. The BF_CUT input
signal is generated via an External “Glue Chip” and can
be logically defined as :
BF_CUT=S0 .NAND.P_OK
Where S0 is the “Motherboard Active signal”. When S0
is logic “Low”, the motherboard is in S3 mode. The
Latched BF_CUT signal is the input to the SC2615
controller, and is generated by using the S5 signal. All
references made to BF_CUT are referring to the latched
signal.
The BF_CUT signal is inverted to externally drive a
Back_Feed_Cut MOSEFT, used to prevent current flow
from the VDDQ supply back to the 3.3V supply during S3
state.
VDDQ supply and the VTT termination voltages
are supplied to the DDR SDRAM databus during S0
(normal operation) state. During S0, VDDQ is supplied
via the an external pass MOSFET from the 3.3V rail ,
sourcing high output currents to the VDD bus as well as
supplying the termination supply current.
The VTT termination voltage is an internal sink/source
linear regulator, which during S0 state receives its power
from the VDDQ bus. It is capable of sourcing and sinking
1.8 Amps (Min) . The current limit on this pin is set to 3
Amps (typical). The current handling capacity of this pin
depends upon the amount of heat the PC board can sink
from
the SC2615 thermal pad. (See mounting
instructions). The PC board layout must take into
consideration the high current paths, and ground returns
for both the VDDQ and VTT supply pins. VTT, LGND, VDDQ,
3.3VCC traces must also be routed using wide traces to
minimize power loss and heat in these traces, based on
the current handling requirements.
S3 and S5 States
The operation of the VDDQ and VTT supplies is governed
by the internal sequencing logic in strict adherence with
IntelTM specifications with regards to the BF_CUT signal.
The timing diagram demonstrates the state of the
controller, and each of the VDDQ and VTT supplies during
S3 and S5 transitions. When S3 is low, the VDDQ internal
regulator supplies the “Suspend To RAM” current of 650
mA (max) to maintain the information in memory while in
standby mode. Since the Memory read/write cycles are
suspended during S3, the VTT termination voltage is not
needed and is tri-stated during S3. Once BF_CUT goes
low, signifying S0 mode, the VDDQ supply recovers and
takes control of the VDDQ bus.
The memory read-write cycles start after the Silver box
POWER_OK signal goes high. The Silver-Box supply
POWER_OK signal goes high when all the voltages are
within a tight tolerance of the nominal voltage (typically
with 1-2%). Thus, the transition from S3 to S0 does not
cause a drop out in VDDQ voltage, since the higher VDDQ
currents follow the transition of POWER_OK signal from
the input Silver Box supply. The External VDDQ MOSFET,
which is capable of supplying the higher current, is
activated from the UVLO transition of the Input Rails,
which occur much earlier. Thus the External MOSFET will
be activated in time for the Memory’s Active state.
Initial Conditions
When the S5 and S3 go high (BF_CUT goes low) for the
first time, the VDDQ is supplied via the external MOSFET,
thus removing the burden of charging the output
capacitors via the internal linear VDDQ regulator.
Reset/restart
The SS/EN pin must be pulled low and high again to restart
the SC2615. This can be achieved by cycling the input
supplies, 3.3VCC/12VCC. There is a 50mV Hysteresis
on the UVLO threshold. When the rails are near the UVLO
thresholds, it is possible for noise to trigger the UVLO.
Since the reference for the UVLO threshold is derived
from the 5VSBY voltage, sufficient bypassing of the
5VSBY
improves noise immunity of the UVLO circuit.
The Short Circuit Protection function is disabled when
any of the input rails are below their respective UVLO
thresholds.
Back-feeding the Input Supply
When in S3 state, VDDQ is supplied by the internal linear
regulator. Current can flow back from the VDDQ supply
through the body diode of the Top MOSFET to the 3.3V
input supply from the Silver Box, which is off during this
state. This in turn shorts out the VDDQ bus and is not
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com