Electronic Components Datasheet Search
  English  ▼

X  

HT48R062 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48R062
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R062 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48R062 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
HT48R062/HT48C062
Rev. 1.11
7
October 30, 2006
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on executing the subroutine call, the status
register will not be automatically pushed onto the stack.
If the contents of the status are important and if the sub-
routine can corrupt the status register, precautions must
be taken to save it properly.
Oscillator Configuration
There are two oscillator circuits implemented in the
microcontroller.
Both are designed for system clocks; the RC oscillator
and the Crystal oscillator, which are determined by code
options. No matter what oscillator type is selected, the
signal provides the system clock. The HALT mode stops
the system oscillator and ignores the external signal to
conserve power.
If an RC oscillator is used, an external resistor between
OSC1 and VSS in needed and the resistance must
range from 24k
W to 1MW. The system clock, divided by
4, is available on OSC2, which can be used to synchro-
nize external logic. The RC oscillator provides the most
cost effective solution. However, the frequency of the
oscillation may vary with VDD, temperature and the chip
itself due to process variations. It is, therefore, not suit-
able for timing sensitive operations where accurate os-
cillator frequency is desired.
If the Crystal oscillator is used, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift for the oscillator. No other external components are
needed. Instead of a crystal, the resonator can also be
connected between OSC1 and OSC2 to get a frequency
reference, but two external capacitors in OSC1 and
OSC2 are required.
Watchdog Timer
- WDT
The clock source of WDT is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock divided by 4), decided by options. This timer is
designed to prevent a software malfunction or sequence
from jumping to an unknown location with unpredictable
results. The Watchdog Timer can be disabled by an op-
tion. If the Watchdog Timer is disabled, all the execu-
tions related to the WDT result in no operation.
Once the internal WDT oscillator (RC oscillator with a
period of 32
ms at 5V normally) is selected, it is first di-
vided by 512 (9-stage) to get the nominal time-out pe-
riod of approximately 17ms at 5V. This time-out period
may vary with temperatures, VDD and process varia-
tions. By invoking the WDT prescaler, longer time-out
periods can be realized. Writing data to WS2, WS1,
WS0 (bit 2,1,0 of the WDTS) can give different time-out
periods. If WS2, WS1, and WS0 are all equal to 1, the di-
vision ratio is up to 1:128, and the maximum time-out
period is 2.1s at 5V seconds. If the WDT oscillator is dis-
abled, the WDT clock may still come from the instruction
clock and operate in the same manner except that in the
HALT state the WDT may stop counting and lose its pro-
tecting purpose. In this situation the logic can only be re-
started by external logic. The high nibble and bit 3 of the
WDTS are reserved for user
¢s defined flags, which can
be used to indicate some specified status.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit ²TO². But in the HALT
mode, the overflow will initialize a
²warm reset², and
only the Program Counter and SP are reset to zero. To
clear the contents of WDT (including the WDT
prescaler), three methods are adopted; external reset (a
low level to RES), software instruction and a
²HALT² in-
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 2
N M O S o p e n d r a i n
f S Y S / 4
V D D
O S C 1
O S C 2
4 7 0 p F
R 1
C 1
C 2
R O S C
System Oscillator
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
O p t i o n
S e l e c t
W D T O S C
( 2 4 k H z )
¸ 2
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com