Electronic Components Datasheet Search
  English  ▼

X  

HT48R062 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT48R062
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R062 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT48R062 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R062 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
HT48R062/HT48C062
Rev. 1.11
8
October 30, 2006
struction. The software instruction include
²CLR WDT²
and the other set
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the option
-²CLR WDT times selection op-
tion
².Ifthe ²CLR WDT² is selected (i.e. CLRWDT times
equal one), any execution of the
²CLR WDT² instruction
will clear the WDT. In the case that
²CLR WDT1² and
²CLR WDT2² are chosen (i.e. CLRWDT times equal
two), these two instructions must be executed to clear
the WDT; otherwise, the WDT may reset the chip as a
result of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following...
· The system oscillator turns off and the WDT stops.
· The contents of the on-chip RAM and registers remain
unchanged.
· WDT prescaler are cleared.
· All I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can quit the HALT mode by means of an ex-
ternal reset or an external falling edge signal on port B.
An external reset causes a device initialization. Exam-
ining the TO and PDF flags, the reason for chip reset
can be determined. The PDF flag is cleared when the
system powers up or execute the
²CLR WDT² instruc-
tion and is set when the
²HALT² instruction is executed.
The TO flag is set if the WDT time-out occurs, and
causes a wake-up that only resets the program counter
and SP, the others keep their original status.
The Port A wake-up can be considered as a continua-
tion of normal execution. Each bit in Port A can be inde-
pendently selected to wake up the device by the code
option. Awakening from an I/O port stimulus, the pro-
gram will resume execution of the next instruction.
Once a wake-up event(s) occurs, it takes 1024 tSYS
(system clock period) to resume normal operation. In
other words, a dummy cycle period will be inserted after
the wake-up.
To minimize power consumption, all I/O pins should be
carefully managed before entering the HALT status.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
Some registers remain unchanged during reset condi-
tions. Most registers are reset to the
²initial condition²
when the reset conditions are met. By examining the
PDF and TO flags, the program can distinguish between
different
²chip resets².
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² means unchanged.
To guarantee that the system oscillator has started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses when the sys-
tem powers up or when the system awakes from a HALT
state.
When a system power up occurs, an SST delay is added
during the reset period. But when the reset comes from
the RES pin, the SST delay is disabled. Any wake-up
from HALT will enable the SST delay.
The functional unit chip reset status is shown below.
Program Counter
000H
WDT Prescaler
Clear
Input/Output ports
Input mode
Stack Pointer
Points to the top of the stack
W D T
W D T
T i m e - o u t
R e s e t
R e s e t
H A L T
P o w e r - o n D e t e c t i o n
S S T
1 0 - s t a g e
R i p p l e C o u n t e r
O S C 1
R E S
Reset Configuration
R E S
V D D
Reset Circuit
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com