Electronic Components Datasheet Search
  English  ▼

X  

SH3000 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SH3000
Description  Low-Power Programmable Multifunction Support IC for Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000 Datasheet(HTML) 1 Page - Semtech Corporation

  SH3000 Datasheet HTML 1Page - Semtech Corporation SH3000 Datasheet HTML 2Page - Semtech Corporation SH3000 Datasheet HTML 3Page - Semtech Corporation SH3000 Datasheet HTML 4Page - Semtech Corporation SH3000 Datasheet HTML 5Page - Semtech Corporation SH3000 Datasheet HTML 6Page - Semtech Corporation SH3000 Datasheet HTML 7Page - Semtech Corporation SH3000 Datasheet HTML 8Page - Semtech Corporation SH3000 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SH3000 MicroBuddy™
Low-Power Programmable Multifunction
Support IC for Microcontrollers
SYSTEM MANAGEMENT
2005-08-08 Copyright ©2003-2005 Semtech Corporation 1
V1.15 www.semtech.com
Description
The programmable SH3000 MicroBuddy™ (µBuddy™)
provides all mandatory microcontroller support functions:
♦ CPU Supervisor
♦ Clock Management System
♦ Real Time Support
♦ Auxiliary functions
Three components make a complete system: any
microcontroller, the SH3000, and a bypass capacitor.
This low-cost system would consume very little power and
have clock-frequency accuracy of ±0.5%. A fourth
component, a 32.768 kHz watch crystal, raises the clock
frequency accuracy to ± 0.0256% (± 256 ppm).
The SH3000 can operate completely stand-alone, or
under control of the microcontroller. A single-wire
interface handles both bi-directional communications and
the interrupt / wake-up signal from the SH3000. The
SH3000 stores all configuration, calibration, parameters,
and status information in a 36-byte bank of control
registers. On reset, most of these are reloaded with
defaults from the factory-set One-Time-Programmable
(OTP) memory. The microcontroller can change any
settings on the fly. If some of the settings must remain
fixed, a comprehensive set of write-protect bits is provided
for several related groups of registers (with both
permanent write-inhibit and lock/unlock capabilities).
A backup power source may also be connected to the
SH3000. The IC can directly accommodate 2/3-cell zinc-
carbon/alkaline, 2/3-cell mercury, 2/3/4-cell NiCd/NiMH, 1-
cell Li/Li+ batteries, or a super cap.
Applications
♦ Home automation and security
♦ Consumer products
♦ Portable/handheld computers
♦ Industrial equipment
♦ Any microcontroller-based product
Features
♦ Highly integrated IC
- 3mm x 3mm x 0.9 mm 16-lead MLP (QFN) package
♦ CPU Supervisor
- Low VDD reset programmable from 2.3 V to 4.3 V
- Watchdog timer with programmable timeout periods
- Both active-high and active-low reset outputs
♦ Clock Management System
- Replaces High-Frequency (HF) crystal or resonator
- Programmable clock output from 32 kHz to 16 MHz
- Speed shift between multiple clock frequencies
- Adjustable spectrum spreading for EMI reduction
- Directly supports microcontroller STOP function
- Deep sleep with instantaneous auto-wakeup
♦ Real Time Support
- 179-year real time clock, battery backup capable
- Dedicated 32 kHz buffered clock output
- Built-in trim for 32.768 kHz oscillator to ± 4ppm
- Programmable periodic interrupt / wakeup timer
♦ Auxiliary functions
- 4-byte (32-bit) scratchpad RAM, loaded on reset with
factory-set value (zero or optional ID code)
- All settings programmable in real-time, defaults
restored from OTP memory on reset
♦ Operates from 2.3 V to 5.5 V
♦ IDD <850µA / 2MHz, <3mA / 16MHz, <10µA/standby
♦ IBUP <2µA / IBSB <50nA (battery backup / standby)
♦ Protected by issued and pending
US and International Patents
Pin Configuration
3mm MLP (QFN) Package
SH3000
µBTM
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
VSS
VREG
VDD
VBAK
RREF
N
RST
TEST (VSS)
RST
Typical Application Circuit with High Clock Accuracy
SH3000
µBTM
1
2
3
4
12
11
10
9
µController
VDD
XIN
XOUT
GPIO WITH INT
N
RESET
GND
V+
CBYPASS
Covered by US Patent No. 6,903,986
Semtech, the Semtech logo, MicroBuddy, µBuddy, and µB are marks of
Semtech Corporation. All other marks belong to their respective owners.


Similar Part No. - SH3000

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3000EK SEMTECH-SH3000EK Datasheet
354Kb / 22P
Reset Management and Clock Management Support IC for Microcontrollers
SH3000EK SEMTECH-SH3000EK Datasheet
658Kb / 30P
MicroBuddy짰 Support IC for Microcontrollers
SH3000UM SEMTECH-SH3000UM Datasheet
354Kb / 22P
Reset Management and Clock Management Support IC for Microcontrollers
SH3000UM SEMTECH-SH3000UM Datasheet
658Kb / 30P
MicroBuddy짰 Support IC for Microcontrollers
More results

Similar Description - SH3000

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
Programmable low-power capacitive sensor conditioning IC
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
Real-Time Clock and Clock Management Support IC for Microcontrollers
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
Reset Management and Clock Management Support IC for Microcontrollers
SH3003 SEMTECH-SH3003 Datasheet
658Kb / 30P
MicroBuddy짰 Support IC for Microcontrollers
logo
ATMEL Corporation
U2102B ATMEL-U2102B Datasheet
331Kb / 19P
Multifunction Timer IC
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180_09 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
logo
STMicroelectronics
L9779WD STMICROELECTRONICS-L9779WD Datasheet
2Mb / 170P
Multifunction IC for engine management system
14-Sep-2015
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com