Electronic Components Datasheet Search
  English  ▼

X  

SH3000 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SH3000
Description  Low-Power Programmable Multifunction Support IC for Microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SH3000 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SH3000 Datasheet HTML 9Page - Semtech Corporation SH3000 Datasheet HTML 10Page - Semtech Corporation SH3000 Datasheet HTML 11Page - Semtech Corporation SH3000 Datasheet HTML 12Page - Semtech Corporation SH3000 Datasheet HTML 13Page - Semtech Corporation SH3000 Datasheet HTML 14Page - Semtech Corporation SH3000 Datasheet HTML 15Page - Semtech Corporation SH3000 Datasheet HTML 16Page - Semtech Corporation SH3000 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SH3000 MicroBuddy™
SYSTEM MANAGEMENT
Copyright ©2003-2005 Semtech Corporation
13
V1.15 www.semtech.com
Interrupt and Serial Interface
A single line is used to convey bi-directional
information between the SH3000 and the processor, and
as the interrupt line to the processor.
The polarity of the interrupt signal is programmable.
The SH3000 and the host microcontroller
communicate using a single wire, bi-directional
asynchronous serial interface. The bit rate is
automatically determined by the SH3000. . At the
fastest possible rate, a read or write access of a single
byte from the register bank takes 5 µs.
The SH3000 contains 36 addressable registers
located at 0x00–0x1F. Some of these registers are
accessed through a page operation. Pin 14, IO/Int, is
the serial communications interface and interrupt output
pin. This pin is internally weakly pulled to the opposite of
the programmed interrupt polarity. For example, if
interrupt is programmed to be active low, this pin is
weakly pulled to VDD when inactive.
As shown in Figure 8, the SH3000 and the host
communicate with serial data streams. The host always
initiates communication. A data stream consists of the
following (in this order):
•
3-bit start field
•
3-bit read/write code
•
5-bit address field
•
1 guard bit
•
8-bit data field
•
2 parity bits
Plus, for write streams only:
•
1 guard bit
•
2 acknowledge (ACK) bits
The 3-bit start field (1,0,1 or 0,1,0, depending on
interrupt polarity) uses the middle bit to determine the bit
period of the serial data stream.
The 3-bit read/write code consists of 1,1,0 for a
read, or 0,1,1 for a write. This protects against early
glitches hat might otherwise put the interface into an
invalid read or write access mode.
The 5-bit address field contains the address of the
register.
A single guard bit gives the interface a safe period in
which to change data direction. The value of a guard bit
does not matter.
The 8-bit data field is written to (read from) the register.
Two parity bits: The first parity bit is high when there
are an odd number of bits in the read/write, address and
data fields; the second parity bit is the inverse of the first.
For write streams only, a guard bit is appended to
the stream (to allow safe turnaround), and then two
acknowledge bits, which are a direct copy of the parity
bits, are driven back to the host to indicate a successful
write access.
Two guard bits are appended to the end of the
access stream (read or write). The host can not start the
next access before receiving these bits.
The interface is self-timed based on the duration of
the start bit field, and communication can take place
whenever CLKout is active, either at 32 kHz or at a
higher frequency. If the host microcontroller is running
synchronously to the CLKout generated by the SH3000
(which should generally be the case), then a minimum of
4 CLKout cycles per bit are required to maintain
communication integrity. If the host’s serial interface is
asynchronous to CLKout, then a minimum of 52 cycles
per bit are necessary. A maximum of 1024 CLKout
cycles per bit field is supported.
Table 4 displays the minimum and maximum bit
periods for the serial communications for CLKout
frequencies of 16 MHz, 8 MHz, and 2 MHz.
Table 4: Minimum/Maximum Serial Bit Timing
CLKOUT
Frequency
Minimum Bit
Period
(host
synchronous
to
CLKOUT)
Minimum Bit
Period
(host
asynchronous
to
CLKOUT)
Maximum Bit
Period
16 MHz
250 ns
3.25
µs
64
µs
8 MHz
500 ns
6.5
µs
128
µs
2 MHz
2
µs
26
µs
512
µs
Interrupt Interface
The serial communications line to the SH3000 (Pin
14, IO/Int) also serves as the interrupt to the host
microcontroller. The polarity of the interrupt is software
programmable using the interrupt polarity bit (bit 6) of the
IPol_RCtune register (R0x11). This pin is asserted for
four cycles of CLKout, and then returns to the inactive
state.
The interrupt line is used by the Periodic
Interrupt/Wake-up Timer to interrupt the host when it
reaches its end of count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com