Electronic Components Datasheet Search
  English  ▼

X  

HT49CV3 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT49CV3
Description  VFD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49CV3 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT49CV3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49CV3 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
HT49RV3/HT49CV3
Rev. 1.30
11
March 20, 2007
Bit No.
Label
Function
0
RMTVF
Remote control timer overflow interrupt flag (1=indicates that an overflow has occurred;
0=indicates that an overflow has not occurred)
1
RTF
Real time clock interrupt flag (1=indicates that an RTC interrupt has occurred;
0=indicates that an RTC interrupt has not occurred)
2
RMT0F
Remote control timer rising edge interrupt flag (1=indicates that a rising edge interrupt has oc-
curred; 0=indicates that a rising edge interrupt has not occurred)
3
RMT1F
Remote control timer falling edge interrupt flag (1=indicates that a falling edge interrupt has
occurred; 0=indicates that a falling edge interrupt has not occurred)
4
ERTI
Controls the real time clock interrupt (1=enable; 0=disable)
5~7
¾
Unused bit, read as
²0²
MFIS (29H) Register
External interrupts are triggered by an edge transition of
INT0 or INT1 (configuration option: high to low, low to
high, low to high or high to low), and the related interrupt
request flag (EIF0; bit 4 of the INTC0, EIF1; bit 5 of the
INTC0) is set as well. After the interrupt is enabled, the
stack is not full, and the external interrupt is active, a
subroutine call to location 04H or 08H occurs. The inter-
rupt request flag (EIF0 or EIF1) and EMI bits are all
cleared to disable other maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F; bit 6 of the INTC0), which is normally
caused by a timer overflow. After the interrupt is en-
abled, and the stack is not full, and the T0F bit is set, a
subroutine call to location 0CH occurs. The related inter-
rupt request flag (T0F) is reset, and the EMI bit is
cleared to disable other maskable interrupts.
Timer/Event Counter 1 is operated in the same manner
but its related interrupt request flag is T1F (bit 4 of the
INTC1) and its subroutine call location is 10H.
The Serial Interface interrupt is initialized by setting the
interrupt request flag (SIF; bit 5 of the INTC1), which is
caused by completely receiving or transferring 8 bits of
data from a serial interface. After the interrupt is en-
abled, and the stack is not full, and the SIF bit is set, a
subroutine call to location 14H occurs. The related inter-
rupt request flag (SIF) is reset and the EMI bit is cleared
to disable further maskable interrupts.
The multi-function interrupt is initialized by setting the in-
terrupt request flag (MFF; bit 6 of the INTC1), which is
caused by a regular real time clock signal, or caused by
a rising edge of RMT, or caused by a falling edge of
RMT, or caused by an RMT overflow. After the interrupt
is enabled, and the stack is not full, and the MFF bit is
set, a subroutine call to location 18H occurs. The related
interrupt request flag (MFF) is reset and the EMI bit is
cleared to disable further maskable interrupts.
During the execution of an interrupt subroutine, other
maskable interrupt acknowledgments are all held until
the
²RETI² instruction is executed or the EMI bit and the
related interrupt control bit are both set to 1 (if the stack
is not full). To return from the interrupt subroutine,
²RET²
or
²RETI² may be invoked. RETI sets the EMI bit and en-
ables an interrupt service, but RET does not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses are serviced on the
latter of the two T2 pulses if the corresponding interrupts
are enabled. In the case of simultaneous requests, the
following table shows the priority that is applied. These
can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External interrupt 0
1
04H
External interrupt 1
2
08H
Timer/Event Counter 0 overflow
3
0CH
Timer/Event Counter 1 overflow
4
10H
Serial Interface interrupt
5
14H
Multi-function interrupt
6
18H
The RMT overflow interrupt flag (RMTVF; bit 0 of the
MFIS), real time clock interrupt flag (RTF; bit 1 of the
MFIS), the RMT rising edge interrupt flag (RMT0F; bit 2
of the MFIS) and the RMT falling edge interrupt flag
(RMT1F; bit 3 of the MFIS) indicate that a related inter-
rupt has occurred. After reading these flags, these flags
will not be cleared automatically, they should be cleared
by the user.
The serial interface interrupt is indicated by the interrupt
flag (SIF; bit 5 of the INTC1), that is caused by receiving or
transferring a complete 8-bit data transfer between the
HT49RV3/HT49CV3 and an external device. After the in-
terrupt is enabled (by setting ESII; bit 1 of the INTC1), and
the stack is not full, a subroutine call to location 14H oc-
curs.
The Timer/Event Counter 0 interrupt request flag (T0F),
external interrupt 1 request flag (EIF1), external inter-
rupt 0 request flag (EIF0), enable Timer/Event Counter0
interrupt bit (ET0I), enable external interrupt 1 bit (EEI1),
enable external interrupt 0 bit (EEI0), and enable master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com