Electronic Components Datasheet Search
  English  ▼

X  

SC2738 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2738
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2738 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2738 Datasheet HTML 2Page - Semtech Corporation SC2738 Datasheet HTML 3Page - Semtech Corporation SC2738 Datasheet HTML 4Page - Semtech Corporation SC2738 Datasheet HTML 5Page - Semtech Corporation SC2738 Datasheet HTML 6Page - Semtech Corporation SC2738 Datasheet HTML 7Page - Semtech Corporation SC2738 Datasheet HTML 8Page - Semtech Corporation SC2738 Datasheet HTML 9Page - Semtech Corporation SC2738 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
 2004 Semtech Corp.
www.semtech.com
SC2738
PRELIMINARY
POWER MANAGEMENT
Applications Infomation
Theory Of Operation
The SC2738 dual linear FET controller provides a simple
way to drive two N-channel MOSFETs to produce tightly
regulated output voltages from one or two available,
higher, supply voltages. It takes its power from either a
5V or 12V supply, drawing typically 500µA while
operating.
It contains an internal bandgap reference which is
compared to the output voltages via resistor dividers.
These resistor dividers are external and user selectable .
Depending upon the input voltage used for the device,
the drive pin (DRV1, DRV2) can pull up to a guaranteed
minimum of 6.6V (from 12V supply) or 4.7V (from 5V
supply). Thus the device can be used to regulate a large
range of output voltages by careful selection of the
external MOSFETs (see component selection, below).
The SC2738 includes an active high enable control (EN1,
EN2) for each output. If this pin is pulled low, the related
drive pin is pulled low, turning off the N-channel MOSFET.
If the pin is pulled up to 1.8V
≤ V
EN ≤ VIN, the drive pin will
be enabled. This pin should not be allowed to float.
Each output has a power good output (PGD1, PGD2)
which are open drain outputs that pull low if the related
output is below the power good threshold (-12% of the
programmed output voltage typical, -6% typical at start-
up). The power good circuitry is active if the device is
enabled, regardless of the state of the over current latch.
The power good circuitry is not active if that
particular output is disabled.
Also included for each output is an overcurrent
protection circuit that monitors the output voltage. If the
output voltage drops below 50% (typ.) of nominal, as
would occur during an overcurrent or short condition, the
device will pull the drive pin low and latch off. The device
will need to have the power supply or enable pin toggled
to reset the latch condition. Each output latches
independently (i.e. if one output latches off, the other
output will function normally).
Drive Outputs and Soft Start
The drive outputs for each output are source and sink
capable. The sink current is typically 0.8mA at 5V in (1mA
at 12V in). The source current is typically 2mA at 5V in
and 3.75mA at 12V in during normal operation. The high
side drive voltage is generated from V
IN by a 7V (nominal)
low dropout regulator, thus at 12V in, 6.9V is available
and at 5V in, 4.85V is available (since the LDO will be in
dropout).
At start-up, the source current available from the drive
pins is limited to 10µA (typical) until the power good
threshold is reached, at approximately 6% below
nominal output voltage. At this point the full drive
capability is enabled. With this constant current source
at start-up, it is a simple matter to use a small capacitor
on the drive pin to slow this rate of rise. The rate of rise
of the drive pin voltage will be:
s
/
V
C
I
dt
dV
SS
DRV
DRV
=
A 10nF soft start capacitor will give a 1ms output rise
time for V
IN = 12V and VOUT = 1.05V, for example. The
output rise time will of course depend upon the gate
threshold of the MOSFET being used. Please refer to
the Output Rise Time chart on Page 12 showing typical
output rise times. For very low ESR output capacitors
(<5m
Ω) and very high soft start capacitance (>100nF),
it may be necessary to add a resistor in series with the
soft start capacitor to ensure stability. Generally,
however, this resistor is not required, as this is a very
unlikely situation.
The soft start capacitance does not adversely affect
transient response since the drive current capability is
200 times higher once the device has started.
OCP and Power Supply Sequencing
The SC2738 has output under-voltage protection that
looks at a particular output to see if it is a) less than
50% (typical) of it’s nominal value and b) V
DRV for that
output is within 350mV (typical) of maximum. If both of
these criteria are met, there is a 50µs (typical) delay and
then the output is shut down. This provides inherent
immunity to UV shutdown at start-up (which may occur
while the output capacitors are being charged) since V
DRV
has a very slow rate of rise with I
DRV limited to 10µA.
At start-up, it is necessary to ensure that the power
supplies and enables are sequenced correctly to avoid
erroneous latch-off. For UV latch-off not to occur at start-
up due to sequencing issues, the key is that the voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com