Electronic Components Datasheet Search
  English  ▼

X  

SC2738 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2738
Description  Ultra Low Output Voltage Dual Linear FET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2738 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2738 Datasheet HTML 5Page - Semtech Corporation SC2738 Datasheet HTML 6Page - Semtech Corporation SC2738 Datasheet HTML 7Page - Semtech Corporation SC2738 Datasheet HTML 8Page - Semtech Corporation SC2738 Datasheet HTML 9Page - Semtech Corporation SC2738 Datasheet HTML 10Page - Semtech Corporation SC2738 Datasheet HTML 11Page - Semtech Corporation SC2738 Datasheet HTML 12Page - Semtech Corporation SC2738 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
 2004 Semtech Corp.
www.semtech.com
SC2738
PRELIMINARY
POWER MANAGEMENT
Quiescent Current vs. Junction Temperature
vs. Input Voltage
Standby Current vs. Junction Temperature
vs. Input Voltage
Start Threshold vs.
Junction Temperature
Enable Input Threshold Voltage
vs. Junction Temperature
Reference Voltage vs.
Junction Temperature
Drive Pin Output Current (Sourcing) at Startup
vs. Junction Temperature vs. Input Voltage
Typical Characteristics
0
100
200
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
125
TJ (°C)
Both VEN = 5V
Both VADJ < VBG
VIN = 5V
VIN = 12V
0.01
0.1
1
10
100
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VIN = 5V
Both VEN = 0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN rising
VIN falling
0.490
0.492
0.494
0.496
0.498
0.500
0.502
0.504
0.506
0.508
0.510
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = VEN = 5V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 5V
VIH
VIL
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
TJ (°C)
VIN = 12V
VEN = 5V
VADJ < VTH(PGD)
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com