Electronic Components Datasheet Search
  English  ▼

X  

SC806 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC806
Description  Miniature High Current Lithium-Ion Battery Charger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC806 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC806 Datasheet HTML 4Page - Semtech Corporation SC806 Datasheet HTML 5Page - Semtech Corporation SC806 Datasheet HTML 6Page - Semtech Corporation SC806 Datasheet HTML 7Page - Semtech Corporation SC806 Datasheet HTML 8Page - Semtech Corporation SC806 Datasheet HTML 9Page - Semtech Corporation SC806 Datasheet HTML 10Page - Semtech Corporation SC806 Datasheet HTML 11Page - Semtech Corporation SC806 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
 2004 Semtech Corp.
www.semtech.com
SC806
POWER MANAGEMENT
Evaluation Board Schematic
Timing Diagram
CHRGB
VCC
NTC
IOUT
VOUT
CPB
DIS
Pre-Charge
UVLO
Soft Start
Pre-Charge
Threshold
CC-mode
IC
Enabled
Fast Charge
CV-mode
High-Z
Low
High-Z
Termination
Current
Re-Charge
Threshold
= VCC
Charge Mode Timing
NoBaT
OVP
Low
Blink
Low,
High-Z
R3
3.01K
CHRG-
1
IPGM
1
D3
LED
SC806
3
7
2
4
5
10
1
8
9
6
VCC
DIS
CPB
IPRGM
ITERM
CHRGB
VOUT
NOBAT
NTC
GND
R11
3.01k
Charging
Indicator
R2
No Pop
R9
3.01k
R6
3.01k
C2
2.2uF
ITRM
1
CPB
1
VOUT+
1
R10
3.01k
R1
3.01k
R12
No Pop
R8 No Pop
VOUT-
1
D2
No Pop
Adapter
Present
Indicator
CHRGB
1
R7 No Pop
R805
No Pop
C1
1uF
D1
LED
R4
No Pop
R806
0
CHRG+
1
NOBAT
1
NTCV
1
DIS
1
R5
1e6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com