Electronic Components Datasheet Search
  English  ▼

X  

SC806 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC806
Description  Miniature High Current Lithium-Ion Battery Charger
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC806 Datasheet(HTML) 3 Page - Semtech Corporation

  SC806 Datasheet HTML 1Page - Semtech Corporation SC806 Datasheet HTML 2Page - Semtech Corporation SC806 Datasheet HTML 3Page - Semtech Corporation SC806 Datasheet HTML 4Page - Semtech Corporation SC806 Datasheet HTML 5Page - Semtech Corporation SC806 Datasheet HTML 6Page - Semtech Corporation SC806 Datasheet HTML 7Page - Semtech Corporation SC806 Datasheet HTML 8Page - Semtech Corporation SC806 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
 2004 Semtech Corp.
www.semtech.com
SC806
POWER MANAGEMENT
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C5
2 oCT
A
0
4
-
(
o
5
8
+
o
t
C
o
)
Cs
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mx
a
M
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
R
g
o
r
p
IV
M
G
R
P
I
5
.
14
.
16
.
1V
e
g
a
tl
o
V
d
e
t
a
l
u
g
e
R
m
r
e
tIV
M
R
E
T
I
5
.
14
.
16
.
1V
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
O
L
V
U
n
i
VT
V
R
O
L
V
U
8
.
25
6
.
25
1
.
3V
d
l
o
h
s
e
r
h
T
g
n
il
l
a
F
O
L
V
U
n
i
VT
V
F
O
L
V
U
5
7
.
20
6
.
20
1
.
3V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
n
i
VT
V
H
O
L
V
U
0
20
5V
m
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
P
V
O
n
i
VT
V
R
O
P
V
O
8
.
63
.
65
.
7V
d
l
o
h
s
e
r
h
T
g
n
il
l
a
F
P
V
O
n
i
VT
V
F
O
P
V
O
4
.
69
.
55
1
.
7V
s
i
s
e
r
e
t
s
y
H
P
V
O
n
i
VT
V
H
O
P
V
O
0
0
40
5
10
0
6V
m
d
l
o
h
s
e
r
h
T
e
g
r
a
h
c
e
r
P
t
a
b
VT
V
R
Q
E
R
P
8
.
27
.
29
.
2V
d
l
o
h
s
e
r
h
T
e
g
r
a
h
c
e
R
t
a
b
VT
V
Q
E
R
Y
R
E
T
T
A
B
V
-
T
A
B
V0
60
0
10
4
1V
m
s
d
l
o
h
s
e
r
h
T
C
T
NT
V
T
A
B
O
N
t
c
e
t
e
D
y
r
e
tt
a
B
o
N
V
5
=
c
c
V
t
a
d
e
t
s
e
T
5
93
96
9c
c
V
%
d
l
o
h
s
e
r
h
T
S
I
DT
V
S
I
D
V
5
=
C
C
V0
.
14
.
05
2
.
1V
n
w
o
d
t
u
h
S
e
r
u
t
a
r
e
p
m
e
T
r
e
v
OT
OC
°
0
1
=
s
i
s
e
r
e
t
s
y
H0
5
1
°
C
t
u
p
t
u
o
D
E
L
B
G
R
H
C
B
C
V
L
O
V
g
n
i
g
r
a
h
C
A
m
2
=
k
n
s
I
2
.
05
.V
B
C
I
F
F
O
,
e
t
e
l
p
m
o
C
e
g
r
a
h
C
V
U
r
o
e
l
b
a
s
i
D
e
g
a
k
a
e
l
ff
o
1
.1
A
µ
t
u
p
t
u
o
D
E
L
B
P
C
P
C
V
L
O
V
t
n
e
s
e
r
P
r
e
g
r
a
h
C
A
m
2
=
k
n
s
I
2
.
05
.V
P
C
I
F
F
O
e
g
a
k
a
e
l
ff
o
V
U1
.1
A
µ
t
u
p
t
u
o
t
a
B
o
N
B
N
V
H
O
V
A
m
1
=
c
r
s
I
,
C
C
V
=
C
T
N8
.
45
.
4V
B
N
I
F
F
O
e
g
a
k
a
e
l
ff
o
2
/
C
C
V
=
C
T
N1
.1
A
µ
Electrical Characteristics (Cont.)
Notes:
* Tied to PCB with 1 Square Inch, 2 Ounce Copper. Tja=41
°C/W using JESD 51 Standard.
** Iload=75mA. See typical performance curve for load regulation characteristics.
*** Thermally Limited.
Unless otherwise noted: VCC = 4.75V - 5.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com