Electronic Components Datasheet Search
  English  ▼

X  

SC4502 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 2Page - Semtech Corporation SC4502 Datasheet HTML 3Page - Semtech Corporation SC4502 Datasheet HTML 4Page - Semtech Corporation SC4502 Datasheet HTML 5Page - Semtech Corporation SC4502 Datasheet HTML 6Page - Semtech Corporation SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation SC4502 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
 2005 Semtech Corp.
POWER MANAGEMENT
SC4502/SC4502H
www.semtech.com
Typical Characteristics
Shutdown Pin Current
vs Temperature
-6
-5
-4
-3
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VIN = 2V
VIN = 12V
VSHDN = 1.25V
VIN Current vs SHDN Pin Voltage
0
0.02
0.04
0.06
0.08
0.1
0
0.2
0.4
0.6
0.8
1
1.2
SHDN Voltage (V)
25ºC
VIN = 2V
VIN Current vs SHDN Pin Voltage
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
SHDN Voltage (V)
125ºC
-40ºC
VIN = 2V
-40ºC
125ºC
Soft-Start Charging Current
vs Temperature
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
Temperature (ºC)
VSS = 0.3V
Switch Current Limit
vs Temperature
1.6
1.8
2
2.2
2.4
-50
-25
0
25
50
75
100
Temperature (ºC)
Transconductance vs Temperature
30
40
50
60
70
80
-50
-25
0
255075
100
125
Temperature (ºC)
VIN = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com