Electronic Components Datasheet Search
  English  ▼

X  

SC4502 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4502
Description  1.4Amp, 2MHz Step-Up Switching Regulator with Soft-Start
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4502 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4502 Datasheet HTML 5Page - Semtech Corporation SC4502 Datasheet HTML 6Page - Semtech Corporation SC4502 Datasheet HTML 7Page - Semtech Corporation SC4502 Datasheet HTML 8Page - Semtech Corporation SC4502 Datasheet HTML 9Page - Semtech Corporation SC4502 Datasheet HTML 10Page - Semtech Corporation SC4502 Datasheet HTML 11Page - Semtech Corporation SC4502 Datasheet HTML 12Page - Semtech Corporation SC4502 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4502/SC4502H
The absolute maximum operating frequency of the
converter is therefore
1.67MHz
150ns
0.25
150ns
D
MIN
=
=
. The
actual operating frequency needs to be lower to allow
for modulating headroom.
The power transistor inside the SC4502/SC4502H is
turned off every switching cycle for an interval determined
by the discharge time of the oscillator ramp plus the
propagation delay of the power switch. This minimum off
time limits the maximum duty cycle of the regulator at a
given switching frequency. A boost converter with high
In
OUT
V
V
ratio requires long switch on time and high duty cycle.
If the required duty cycle is higher than the attainable
maximum, the converter will operate in dropout. (Dropout
is the condition in which the regulator cannot attain its
set output voltage below current limit.)
The minimum off times of closed-loop boost converters set
to various output voltages were measured by lowering their
input voltages until dropout occurs. It was found that the
minimum off time of the SC4502/SC4502H ranged from
80ns to 110ns at room temperature.
Beware of dropout while operating at very low input
voltages (1.5V-2V) with off time approaching 110ns.
Shorten the PCB trace between the power source and
the device input pin, as line drop may be a significant
percentage of the input voltage. A regulator in dropout
may appear as if it is in current limit. The cycle-by-cycle
current limit of the SC4502/SC4502H is duty-cycle and
input voltage invariant and is typically 2A. If the switch
current limit is not at least 1.4A, then the converter is
likely in dropout. The switching frequency should then be
lowered to improve controllability.
Both the minimum on time and the minimum off time
reduce control range of the PWM regulator. Bench
measurement showed that reduced modulating range
started to be a problem at frequencies over 2MHz. Although
the oscillator is capable of running well above 2MHz,
controllability limits the maximum operating frequency.
Inductor Selection
The inductor ripple current
∆I
L of a boost converter
operating in continuous-conduction mode is
()
L
f
V
V
D
I
CESAT
IN
L
⋅
−
⋅
=
∆
(5)
where f is the switching frequency and L is the inductance.
Substituting (3) into (5) and neglecting V
CESAT ,
(6)
In peak current-mode control, the slope of the modulating
(sensed switch current) ramp should be steep enough to
lessen jittery tendency but not so steep that large flux
swing decreases efficiency. Inductor ripple current DI
L
between 25%-40% of the peak inductor current limit is a
good compromise. Inductors so chosen are optimized in
size and DCR. Setting
∆I
L = 0.3•(1.4A) = 0.42A, VD=0.5V
in (6),


+
−
⋅
=


+
−
∆
⋅
=
0.5V
V
V
1
f
0.42A
V
V
V
V
1
I
f
V
L
OUT
IN
IN
D
OUT
IN
L
IN
(7)
where L is in
µH and f is in MHz.
Equation (6) shows that for a given V
OUT, ∆IL is the highest
when
()
2
V
V
V
D
OUT
IN
+
=
. If V
IN varies over a wide range, then
choose L based on the nominal input voltage.
The saturation current of the inductor should be 20%-
30% higher than the peak current limit (2A). Low-cost
powder iron cores are not suitable for high-frequency
switching power supplies due to their high core losses.
Inductors with ferrite cores should be used.
Input Capacitor
The input current in a boost converter is the inductor
current, which is continuous with low RMS current ripples.
A 2.2µF-4.7µF ceramic input capacitor is adequate for
most applications.
Output Capacitor
Both ceramic and low ESR tantalum capacitors can be
used as output filtering capacitors. Multi-layer ceramic
capacitors, due to their extremely low ESR (<5m
Ω), are
the best choice. Use ceramic capacitors with stable
Applications Information


+
−
⋅
=
∆
D
OUT
IN
IN
L
V
V
V
1
L
f
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com