Electronic Components Datasheet Search
  English  ▼

X  

SC4809B Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4809B
Description  High Performance Current Mode PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4809B Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4809B Datasheet HTML 5Page - Semtech Corporation SC4809B Datasheet HTML 6Page - Semtech Corporation SC4809B Datasheet HTML 7Page - Semtech Corporation SC4809B Datasheet HTML 8Page - Semtech Corporation SC4809B Datasheet HTML 9Page - Semtech Corporation SC4809B Datasheet HTML 10Page - Semtech Corporation SC4809B Datasheet HTML 11Page - Semtech Corporation SC4809B Datasheet HTML 12Page - Semtech Corporation SC4809B Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
 2005 Semtech Corp.
www.semtech.com
SC4809A/B/C
POWER MANAGEMENT
Control-to-Output transfer function for the flyback power
stage operating in CCM is given by:
2
O
2
O
2
z
1
z
P
S
2
I
O
S
Q
S
1
S
1
S
1
N
N
)
D
1
(
V
dD
dV
ω
+
•
ω
+


ω
−
•


ω
+
•
•
−
=
where:
C
L
R
x
)
D
1
(
Q
C
L
D
1
L
D
R
)
D
1
(
C
R
1
1
z
SEC
SEC
O
SEC
2
2
z
C
−
≈
•
−
≈
ω
•
•
−
≈
ω
•
=
ω
Control-to Output transfer function for the flyback power
stage operating in DCM is given by:
P
SEC
S
P
S
I
O
S
1
1
L
2
T
R
N
N
V
dD
dV
ω
+
•
•
•
•
•
=
where:
C
R
2
P
•
=
ω
Peak current mode control requires simpler
compensation, has pulse-by-pulse current limiting, and
has better load current regulation. Primary and secondary
RMS currents can be up to two times higher for
discontinuous mode than for CCM. Discontinuous
conduction mode would require using a transistor with a
higher current rating. Because the output ripple current
is less than it would be continuous mode were used, the
output capacitors are smaller. Continuous conduction
mode (CCM) was therefore chosen.
Application Information (Cont.)
The DC transfer function of a CCM flyback converter is:


−
•
=
−
+
max
max
)
on
(
Rds
(min)
IN
D
O
D
1
D
N
1
V
V
V
V
where V
O = output voltage,
V
D = forward voltage drop across rectifier D1,
N = turns ratio, equal to N
P/NS,
D = duty cycle.
Transformer Design
The transformer in a flyback converter is actually a coupled
inductor with multiple windings. Transformers provide
coupling and isolation whereas inductors provide energy
storage. The energy stored in the air gap of the inductor
is equal to:
()
2
I
L
E
2
PEAK
P •
=
where E is in Joules, L
P is the primary inductance in
Henries, and I
PEAK is the primary peak current in Amperes.
When the switch is on, D1 is reverse biased due to the
dot configuration of the transformer. No current flows in
the secondary windings and the current in the primary
winding ramps up at a rate of:
P
)
on
(
Rds
(min)
IN
L
L
V
V
t
I
−
=
∆
∆
The output capacitor, C
OUT, supplies all of the load current
at this time. Because the converter is operating in the
continuous conduction mode,
∆I
L is the change in the
inductor current which appears as a positive slope ramp
on a step. The step is present because there is still
current left in the secondary windings when the primary
turns on. When the switch turns off, current flows through
the secondary winding and D1 as a negative ramp on a
step, replenishing C
OUT and supplying current directly to
the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com