Electronic Components Datasheet Search
  English  ▼

X  

SC190 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC190
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190 Datasheet(HTML) 1 Page - Semtech Corporation

  SC190 Datasheet HTML 1Page - Semtech Corporation SC190 Datasheet HTML 2Page - Semtech Corporation SC190 Datasheet HTML 3Page - Semtech Corporation SC190 Datasheet HTML 4Page - Semtech Corporation SC190 Datasheet HTML 5Page - Semtech Corporation SC190 Datasheet HTML 6Page - Semtech Corporation SC190 Datasheet HTML 7Page - Semtech Corporation SC190 Datasheet HTML 8Page - Semtech Corporation SC190 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.semtech.com
1
POWER MANAGEMENT
Synchronous Buck Converter
with Programmable Output
SC190
The SC190 is a synchronous step-down converter with
integrated power devices and an integrated front-end
LDO to minimize input supply ripple. Output voltage is
programmable using two control bits, eliminating the need
for feedback resistors tied to the output. The device is
offered in four distinct variants with each variant providing
four fixed output voltage options to choose from.
The front-end LDO can be bypassed externally to maximize
efficiency. A second LDO is switched in place of the
switching regulator for low current operation to further
improve efficiency and reduce noise.
The SC190’s flexible clocking scheme allows it to be
synchronized to an external oscillator or controlled by the
internal oscillator. The 1MHz switching frequency allows
the use of small inductors and capacitors.
The internal MOSFET switches provide peak current
greater than 500mA to achieve a DC output of at least
300mA. Shutdown current is typically 0.1µA.
The SC190 has four different variants with four voltage
settings each. It is designed for single-cell Li-ion battery
applications, but also performs well in fixed 3.3V and 5V
applications.
Less than 1mV Supply Ripple
Output Voltage Regulated by Either the Switching
Regulator or Linear Regulator
Dynamic Handover Between Linear and Switching
Regulator for Maximum Efficiency
2.7V to 5.5V Input Range
300mA Guaranteed Output Current
Fixed Frequency 1MHz Operation or 750kHz to
1.5MHz Clocked Operation
No Schottky Diode Required
Up to 95% Efficiency (VIN=BP)
Over-current Protection
Over-voltage Protection
Over-temperature Protection
Soft Start
MLP-10, 3 x 3mm Lead-frame, Lead-free Package
Low Output Noise < 100µVrms
Cell Phones
Cordless Phones
Notebook and Subnotebook Computers
PDAs and Mobile Communicators
WLAN Peripherals
1 Li-Ion or 3 NiMH/NiCd Powered Devices
SC190
4.7µF
4.7µF
4.7µH
VIN
VOUT
VIN
EN
SYNC/PWM
VID0
VID1
MODE
LX
VOUT
BP
GND
CIN
CBP
COUT
LOUT
4.7µF
Description
June 30, 2005
Applications
Features
Typical Application Circuit
Features


Similar Part No. - SC190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC1905 MAXIM-SC1905 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
Reduces System Power Consumption and OPEX
Rev 1; 4/19
SC1905A-00A00 MAXIM-SC1905A-00A00 Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
SC1905A-00A00E MAXIM-SC1905A-00A00E Datasheet
159Kb / 13P
698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
Rev 1; 10/18
logo
France Joint
SC190X215X16 FRANCEJOINT-SC190X215X16 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N3004 ETC-N3004 Datasheet
166Kb / 7P
5 Bit Programmable Synchronous Buck Converter with Dual LDOs
logo
ON Semiconductor
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
ON Semiconductor
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
logo
Linear Technology
LTC3855EFE LINER-LTC3855EFE Datasheet
312Kb / 12P
Dual Output Synchronous Buck Converter
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
05/20-REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com