Electronic Components Datasheet Search
  English  ▼

X  

SC190 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC190
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC190 Datasheet HTML 10Page - Semtech Corporation SC190 Datasheet HTML 11Page - Semtech Corporation SC190 Datasheet HTML 12Page - Semtech Corporation SC190 Datasheet HTML 13Page - Semtech Corporation SC190 Datasheet HTML 14Page - Semtech Corporation SC190 Datasheet HTML 15Page - Semtech Corporation SC190 Datasheet HTML 16Page - Semtech Corporation SC190 Datasheet HTML 17Page - Semtech Corporation SC190 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
1 2 3 4
ON
DIP_SW 1
TP12
VOUT
sense
TP11
GND
load
TP13
GND
VIN
J1
JUMPER1
TP1
TP9
TP8
TP7
TP10
TP2
EN
SYNC/PWM
VID0
MODE
VID1
C3
10uF
VOUT
VIN
C1
10uF
GND
GND
VIN
VOUT
LX NODE
R2
1M
R3
1M
R4
1M
R5
1M
C2
10uF
1
2
L1
10uH
R1
1M
TP3
TP4
TP5
TP6
EN
4
SYNC/PWM
6
VID0
7
GND
9
BP
1
VOUT 3
VID1
8
LX
10
MODE
5
VIN
2
SC190
U1
Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com