Electronic Components Datasheet Search
  English  ▼

X  

SC605 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC605
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC605 Datasheet(HTML) 4 Page - Semtech Corporation

  SC605 Datasheet HTML 1Page - Semtech Corporation SC605 Datasheet HTML 2Page - Semtech Corporation SC605 Datasheet HTML 3Page - Semtech Corporation SC605 Datasheet HTML 4Page - Semtech Corporation SC605 Datasheet HTML 5Page - Semtech Corporation SC605 Datasheet HTML 6Page - Semtech Corporation SC605 Datasheet HTML 7Page - Semtech Corporation SC605 Datasheet HTML 8Page - Semtech Corporation SC605 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image

 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC605
Pin Configuration
Pin Configuration
Ordering information
Pin Descriptions
DEVICE
PACKAGE
SC605MLTRT(1)(2)
MLPD-12 3x3
SC605EVB
Evaluation Board
Notes:
(1) Available in Tape and Reel only. A reel contains 3000
devices.
(2) Available in lead-free package only. This product is fully
WEEE and RoHS compliant.
Pin
Pin Name
Pin Function (also see Suggested Layout guidelines on page 10)
1
VIN
Input voltage. Decouple with a 10µF or larger ceramic capacitor near pin 1.
2
C2-
Negative terminal of bucket capacitor 2 - use a 1µF ceramic capacitor.
3
GND
Ground - connect through multiple vias to the ground plane.
4
C1-
Negative terminal of bucket capacitor 1 - use a 1µF ceramic capacitor.
5
NC
Not connected - leave this pin floating.
6
FLASH
Flash mode enable pin - puts the device in active Flash mode when high.
7
ISET
Current-setting reference pin - connect to the LED cathode and the current setting resistor.
8
CTRL0
Control input bit 0 - used with CTRL1 to enable and set the output current in Spotlight mode (see Table 1).
9
CTRL1
Control input bit 1 - used with CTRL0 to enable and set the output current in Spotlight mode (see Table 1).
10
C1+
Positive terminal of bucket capacitor 1 - use a 1µF ceramic capacitor.
11
VOUT
Output pin - connect to LED anode. Decouple with a 1µF ceramic capacitor near pin 11.
12
C2+
Positive terminal of bucket capacitor 2 - use a 1µF ceramic capacitor.
T
Thermal Pad Pad for heat sinking purposes - not connected internally. Connect to ground plane using multiple vias.
TOP VIEW

2
3

5
MLPD- 12:3X312LEAD
T
6
2

0

8
7
VIN
C2-
GND
C-
NC
FLASH
ISET
CTRL0
CTRL
C+
VOUT
C2+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com