Electronic Components Datasheet Search
  English  ▼

X  

SC605 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC605
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC605 Datasheet(HTML) 1 Page - Semtech Corporation

  SC605 Datasheet HTML 1Page - Semtech Corporation SC605 Datasheet HTML 2Page - Semtech Corporation SC605 Datasheet HTML 3Page - Semtech Corporation SC605 Datasheet HTML 4Page - Semtech Corporation SC605 Datasheet HTML 5Page - Semtech Corporation SC605 Datasheet HTML 6Page - Semtech Corporation SC605 Datasheet HTML 7Page - Semtech Corporation SC605 Datasheet HTML 8Page - Semtech Corporation SC605 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.semtech.com

POWER MANAGEMENT
SC605
Charge Pump
Flash LED Driver
December , 2005
Description
Features
Typical Application Circuit
Features
Typical Application Circuit
Applications
The SC605 is a high-current charge pump designed spe-
cifically for use with white LEDs used in camera flash ap-
plications. Only two small bucket capacitors are required
to develop the output drive, providing a low EMI solution
compared to inductive boost regulators.
The SC605 has two modes of operation: Flash mode and
Spotlight mode. In Flash mode, the SC605 is capable of
delivering 500mA of regulated current for a duration of
500ms or up to 700mA for a reduced duration. In Spotlight
mode the SC605 can output 20%, 30%, or 40% of the Flash
mode current and remain enabled continuously.
An external resistor is connected in series with the LED to
set the current. In Flash mode, this resistor can dissipate
up to 0.75mW, reducing the power dissipation require-
ment of the SC605. The Flash input (FLASH) overrides
the control inputs (CTRL0 and CTRL1) to ensure the Flash
function has the highest priority.
The thermally efficient MLPD-12 package and ceramic
bypass and bucket capacitors help make the SC605 a
high output current driver that requires a minimal amount
of PCB area.
Two selectable modes - Flash and Spotlight
Up to 700mA output - Flash mode
Up to 280mA output - Spotlight mode
500mA output over specified temperature and volt-
age ranges - Flash mode
Spotlight mode selectable to 20%, 30%
and 40% of Flash current
3.0V to 5.25V input range
Flash control pin for synchronization to
a camera module or graphics controller
Short circuit, over-voltage and
over-temperature protection
Soft-start functionality
Three control inputs for maximum versatility
Shutdown current < 2μA
Micro-lead package MLPD-12, 3mm x 3mm
VBAT
0µF
µF
white LED
CTRL
CTRL0
FLASH
0.5W
SC605
VIN
1
FLASH
6
CTRL0
8
CTRL1
9
NC
5
VOUT
11
ISET
7
C1+
10
C1-
4
C2+
12
C2-
2
µF
µF
GND
3
Mobile Camera Phones
Digital Cameras
PDAs with Built-in Cameras


Similar Part No. - SC605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC605-R ETC1-SC605-R Datasheet
268Kb / 8P
Speech And Music Processor
SC605-RL1 ETC1-SC605-RL1 Datasheet
268Kb / 8P
Speech And Music Processor
logo
Infinite Electronics In...
SC6050 FAIRVIEW-SC6050 Datasheet
510Kb / 3P
RA SMA Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 Cable
REV 2.0
SC6052 FAIRVIEW-SC6052 Datasheet
562Kb / 3P
RA SMA Male Connector Crimp/Solder Attachment For .100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100-FR Cable
REV 2.1
SC6055 FAIRVIEW-SC6055 Datasheet
513Kb / 3P
RA SMA Male Connector Crimp/Solder Attachment For 0.100 inch, RG316, RG174, RG188, LMR-100, LMR-100A, LMR-100A-FR Cable
REV 2.0
More results

Similar Description - SC605

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
Charge Pump Flash LED Driver
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com