Electronic Components Datasheet Search
  English  ▼

X  

SC635 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC635
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC635 Datasheet(HTML) 5 Page - Semtech Corporation

  SC635 Datasheet HTML 1Page - Semtech Corporation SC635 Datasheet HTML 2Page - Semtech Corporation SC635 Datasheet HTML 3Page - Semtech Corporation SC635 Datasheet HTML 4Page - Semtech Corporation SC635 Datasheet HTML 5Page - Semtech Corporation SC635 Datasheet HTML 6Page - Semtech Corporation SC635 Datasheet HTML 7Page - Semtech Corporation SC635 Datasheet HTML 8Page - Semtech Corporation SC635 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
 2005SemtechCorp.
www.semtech.com
POWER MANAGEMENT
SC635
PinConfiguration
ApplicationsInformation
GeneralOperation
The SC635 is a powerful 2X charge pump designed to
driveahigh-intensitywhiteLEDwithaconstantcurrent
(Spotlightmode)orwithapulsedcurrentofhigherinten-
sity(Flashmode)usedforcameraflash.
In Flash mode the SC635 output can drive 200mA at
4.25V into an LED for an unlimited duration under all
temperatureandinputconditions.TheFLASHpinisused
totriggerthismode(activehigh).InSpotlightmodethe
SC635regulatestheoutputcurrentto40%oftheFlash
mode current setting when the CTRL pin is pulled high
andtheFLASHpinislow.NotethatFlashmodehasprior-
ityoverSpotlightmode,i.e.,theFLASHpintriggersFlash
moderegardlessofthestateoftheCTRLpin.
OutputcurrentisregulatedbyattachingtheISETpinto
thecathode(s)oftheLEDpackageandalowresistance
sense resistor (typically 1.25Ω).The ISET pin monitors
thevoltageatthecathodeandsignalsthechargepump
toincreaseordecreasetheoutputcurrentuntiltheISET
voltage reaches the programmed setting.The resistor
valueischosentosetthecurrentthroughtheLEDbased
onthisreferencevoltage.
FlashMode
FlashmodeisenabledwhenevertheFLASHpinispulled
highandremainsactiveuntiltheFLASHpinisreleased.
ThismodehashigherprioritythanSpotlightmode,sothe
stateoftheCTRLpinisoverriddenwhenevertheFLASH
pinisactivated.WhileinFlashmodethereferencevolt-
ageontheISETpinissetto250mV.
Outputcurrentsotherthantheratedmaximumof200mA
canbesetbychangingtheR
ISET value.In Flash mode,
IOUT=250mV/R
ISET.
SpotlightMode
SpotlightmodeisenabledbysettingtheCTRLpinhigh
andkeepingtheFLASHpinlow.WheninSpotlightmode,
theSC635canmaintainaconstantcurrentindefinitelyto
driveanLEDorbankofLEDs.TheISETreferencevoltage
issetto00mVsothattheoutputcurrentismaintained
at80mAwhena1.25Ωresistorisused.Spotlightcurrent
isalways40%offlashcurrentforanygivenvalueofR
ISET.
Inspotlightmode,IOUT=100mV/R
ISET.Theresistorval-
ueshouldnotexceed2Ω,however,toensuretheSC635
doesnotbecomeunstablewhileinSpotlightmodedueto
theoutputcurrentbeingsettoolow.
ProtectionCircuitry
TheSC635alsoprovidesprotectioncircuitrythatprevents
thedevicefromoperatinginanunspecifiedstate.These
functions include Input Over-Voltage Protection (IOVP),
Output Over-Voltage Protection (OVP), Over-Temperature
(OT)Protection,Over-CurrentProtection(OCP),andShort-
CircuitCurrentProtection(SCCP).
Input Over-Voltage Protection
Inputover-voltageprotectionisincludedtopreventopera-
tionathighinputvoltagesthatcoulddamagethedevice.
TheIOVPcircuitsensestheinputvoltageanddetermines
whenthesupplyexceeds6V.Hysteresisisincludedinthis
circuittoavoidchatteringbetweenstates.Whenthevolt-
agerisesabovethisthreshold,thedeviceisdisabledun-
tiltheinputvoltagedropstoalevelwithinthespecified
range.
Output Over-Voltage Protection
Outputover-voltageprotectionisincludedtopreventthe
SC635fromgeneratinganoutputvoltagethatcoulddam-
ageotherdevicesconnectedtoitsuchasloadLEDsand
bypasscapacitors.Whentheoutputvoltageexceeds5.5V,
theOVPcircuitdisablesthechargepumpuntilthevoltage
decreases to a level within the acceptable range.This
circuitallowsthedevicetodriveLEDswithhighforward
voltagesatareducedlevelwithoutexceedingtheoutput
voltagelimitsspecifiedforthedevice.Note,however,that
thiseffectisaconsequenceoftheOVPcircuitandisnot
itsintendedpurpose.
Over-Temperature Protection
The over-temperature circuit helps prevent the device
from overheating and experiencing a catastrophic fail-
ure.Whenthejunctiontemperatureexceeds150°Cthe
deviceisdisabled.Itremainsdisableduntilthejunction
temperaturedropsbelowthisthreshold.AswiththeUVLO
andOVPcircuits,hysteresisisincludedtopreventtoggling
betweenmodes.
Over-Current Protection
When the SC635 is in 2X mode, the input current will
beapproximatelydoubletherequiredoutput.Whenthe
steady-stateloadrequiresthemaximumcurrentavailable
in2Xmode,theOCPcircuitpreventsthedevicefromover-
heatingduetoexcessivepowerdissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com