Electronic Components Datasheet Search
  English  ▼

X  

SC635 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC635
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC635 Datasheet(HTML) 1 Page - Semtech Corporation

  SC635 Datasheet HTML 1Page - Semtech Corporation SC635 Datasheet HTML 2Page - Semtech Corporation SC635 Datasheet HTML 3Page - Semtech Corporation SC635 Datasheet HTML 4Page - Semtech Corporation SC635 Datasheet HTML 5Page - Semtech Corporation SC635 Datasheet HTML 6Page - Semtech Corporation SC635 Datasheet HTML 7Page - Semtech Corporation SC635 Datasheet HTML 8Page - Semtech Corporation SC635 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.semtech.com

POWER MANAGEMENT
SC635
Charge Pump
Flash LED Driver
u
Twoselectablemodes-FlashandSpotlight
u
200mAmaxoutput-FlashMode
u
Spotlightmodesetto40%ofFlashCurrent
u
3.0Vto5.25VInputRange
u
Externalpinsforcontrolofflashandspotlightmodes
forsynchronizationtoacameramoduleorgraphics
controller
u
Shortcircuit,over-voltage,andover-temperature
protection
u
Soft-startfunctionality
u
MicroLeadPackageMLPD-0,3mmx3mm
December2,2005
Description
Features
TypicalApplicationCircuit
TheSC635isahigh-currentchargepumpdesignedspe-
cificallyforusewithwhiteLEDsusedincameraflashap-
plications.Onlytwosmallbucketcapacitorsarerequired
todeveloptheoutputdrive,providingalowEMIsolution
comparedtoinductiveboostregulators.
TheSC635hastwomodesofoperation:Flashmodeand
Spotlightmode.InFlashmode,theSC635iscapableof
delivering 200mA to a high-intensity LED during image
capture.InSpotlightmodetheSC635outputs40%ofthe
Flashmodecurrentforgeneralpurposelightingorstatus
indication.
AnexternalresistorisconnectedinserieswiththeLEDto
setthecurrent.InFlashmode,thisresistorcandissipate
upto50mW,reducingthepowerdissipationrequirement
oftheSC635.Theflashinput(FLASH)overridesthecon-
trolinput(CTRL)tomakesuretheflashfunctionisacti-
vatedwhencalledfor.
ThethermallyefficientMLPD-10packageandceramicby-
passandbucketcapacitorsmaketheSC635ahighout-
putcurrentdriverthatrequiresminimalPCBarea.
u
MobileCameraPhones
u
DigitalCameras
u
PDAswithBuilt-inCameras
VBAT
SC635
VIN
1
C2-
2
C2+
10
C1-
4
C1+
8
VOUT
9
FLASH
5
CTRL
7
GND
3
ISET
6
1µF
1µF
FLASH
CTRL
1µF
white LED
RSET
10µF
TypicalApplicationCircuit
Applications
Features


Similar Part No. - SC635

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
Low off-state leakage
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
1.0A, 60 Vdc Optically Isolated
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
Pedometer
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
More results

Similar Description - SC635

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3172 AAT-AAT3172 Datasheet
455Kb / 15P
High Current LED Flash Driver Charge Pump IC
3172.2006.05.1.5
logo
Semtech Corporation
SC615 SEMTECH-SC615 Datasheet
202Kb / 12P
Charge Pump Flash LED Driver
SC615A SEMTECH-SC615A Datasheet
207Kb / 12P
Charge Pump Flash LED Driver
SC605 SEMTECH-SC605 Datasheet
361Kb / 12P
Charge Pump Flash LED Driver
SC619 SEMTECH-SC619 Datasheet
205Kb / 13P
Charge Pump Flash LED Driver with Safety Timer
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170_08 Datasheet
377Kb / 15P
High Current LED Flash Driver Charge Pump IC
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
Charge Pump Flash LED Driver
logo
Global Mixed-mode Techn...
G5916 GMT-G5916 Datasheet
42Kb / 1P
Flash LED Driver with 700mA Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com