Electronic Components Datasheet Search
  English  ▼

X  

SC2602L Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2602L
Description  Synchronous Voltage Mode Controller for Distributed Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602L Datasheet(HTML) 1 Page - Semtech Corporation

  SC2602L Datasheet HTML 1Page - Semtech Corporation SC2602L Datasheet HTML 2Page - Semtech Corporation SC2602L Datasheet HTML 3Page - Semtech Corporation SC2602L Datasheet HTML 4Page - Semtech Corporation SC2602L Datasheet HTML 5Page - Semtech Corporation SC2602L Datasheet HTML 6Page - Semtech Corporation SC2602L Datasheet HTML 7Page - Semtech Corporation SC2602L Datasheet HTML 8Page - Semtech Corporation SC2602L Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
www.semtech.com
SC2602L
Synchronous Voltage Mode Controller
for Distributed Power Supply
POWER MANAGEMENT
Applications
Revision: January 05, 2006
Typical Application Circuit
R
DS(ON) current sensing
Output voltage can be programmed as low as 0.8V
On-chip power good and OVP functions
Small size with minimum external components
Soft Start
Enable function
SO-14 package is fully WEEE and RoHS compliant
Microprocessor core supply
Low cost synchronous applications
Voltage Regulator Modules (VRM)
DDR termination supplies
Networking power supplies
Sequenced power supplies
The SC2602L is low-cost, full featured, synchronous volt-
age-mode controller designed for use in single ended
power supply applications where efficiency is of primary
concern. Synchronous operation allows for the elimina-
tion of heat sinks in many applications. The SC2602L is
ideal for implementing DC/DC converters needed to
power advanced microprocessors in low cost systems,
or in distributed power applications where efficiency is
important. Internal level-shift, high-side drive circuitry, and
preset shoot-through control, allows the use of inexpen-
sive N-channel power MOSFETs.
SC2602L features include temperature compensated
voltage reference, triangle wave oscillator and current
sense comparator circuitry. Power good signaling, shut-
down, and over voltage protection are also provided.
The SC2602L operates at a fixed 200kHz which is for
optimum compromise between efficiency, external com-
ponent size, and cost.
Two SC2602L can be used together to sequence two
voltage regulators for power up in telecom systems. The
power good of the first SC2602L connected to the en-
able of the second SC2602L makes this possible.
Figure 1. Typical distributed power supply
Synchronous operation for high efficiency (95%)
Features
R2
R7
R3
C3
+
C2
Q2
Q1
L1
C6
SS/SHDN
R6
C10
+
C9
R8
5V IN
12V IN
R1
C1
C8
R4
PWRGD
V_pullup
OVP
2.5V OUT
GND
GND
C5
U1
SC2602L
VCC
1
PWRGD
2
OVP
3
OCSET
4
PHASE
5
DH
6
PGND
7
DL
8
BSTL
9
BSTH
10
COMP
12
SS/SHDN
13
GND
14
SENSE
11
R5
C7
C4
D1
Description


Similar Part No. - SC2602L

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602 SEMTECH-SC2602 Datasheet
310Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602A SEMTECH-SC2602A Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602A SEMTECH-SC2602A Datasheet
310Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602ASTRT SEMTECH-SC2602ASTRT Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
More results

Similar Description - SC2602L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
Distributed Power Hot-Swap Controller for CompactPCI
logo
International Rectifier
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2672 SEMTECH-SC2672 Datasheet
219Kb / 9P
Dual Synchronous Voltage Mode Controller
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com