Electronic Components Datasheet Search
  English  ▼

X  

SC2602L Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2602L
Description  Synchronous Voltage Mode Controller for Distributed Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602L Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2602L Datasheet HTML 6Page - Semtech Corporation SC2602L Datasheet HTML 7Page - Semtech Corporation SC2602L Datasheet HTML 8Page - Semtech Corporation SC2602L Datasheet HTML 9Page - Semtech Corporation SC2602L Datasheet HTML 10Page - Semtech Corporation SC2602L Datasheet HTML 11Page - Semtech Corporation SC2602L Datasheet HTML 12Page - Semtech Corporation SC2602L Datasheet HTML 13Page - Semtech Corporation SC2602L Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2602L
The control model of SC2602L control loop small signal
can be depicted in Fig. 2. This model can also be used in
SPICE kind of simulator to generate loop gain Bode plots.
The bandgap reference is 0.8V and trimmed to +/-1%
accuracy. The desired output voltage can be achieved
by setting the resistive divider network, R1 and R2.
The error amplifier is transconductance type with fixed
gain of:
The compensation network includes a resistor and a
capacitor in series, which terminates from the output of
the error amplifier to the ground.
This device uses voltage mode control with input volt-
age feed forward. The peak-to-peak ramp voltage is
proportional to the input voltage, which results in an ex-
cellent performance to reject input voltage variation. The
PWM gain is inversion of the ramp amplitude, and this
gain is given by:
where the ramp amplitude (peak-to-peak) is 1.0 volts
when input voltage is 12 volts.
The total control loop-gain can then be derived as
follows:
Ts
() T o
1s R
. C
.
sR
. C
.
.
1s R c
.
C o
.
1s R c C o
.
L
R o
.
s
2
L
. C
o
.
1
R c
R o
.
.
G pwm
1
V ramp
T o
G m G pwm
⋅
V in
⋅
R
⋅
V bg
V o
⋅
:=
The task here is to properly choose the compensation
network for a nicely shaped loop-gain Bode plot. The
following design procedures are recommended to ac-
complish the goal:
(1) Calculate the corner frequency of the output filter:
(2) Calculate the ESR zero frequency of the output filter
capacitor:
(3) Check that the ESR zero frequency is not too high.
If this condition is not met, the compensation structure
may not provide loop stability. The solution is to add
some electrolytic capacitors to the output capacitor bank
to correct the output filter corner frequency and the ESR
zero frequency. In some cases, the filter inductance
may also need to be adjusted to shift the filter corner
frequency. It is not recommended to use only high fre-
quency multi-layer ceramic capacitors for output filter.
F esr
F sw
5
<
F o
1
2
π
⋅
LC o
⋅
⋅
:=
F esr
1
2
π
⋅ R c
⋅
C o
⋅
:=
(4) Choose the loop gain cross over frequency (0 dB
frequency). It is recommended that the crossover fre-
quency is always less than one fifth of the switching
frequency :
If the transient specification is not stringent, it is better to
choose a crossover frequency that is less than one tenth
of the switching frequency for good noise immunity. The
resistor in the compensation network can then be cal-
culated as:
when
F x_over
F sw
5
≤
R
1
G pwm V in
⋅
G m
⋅
F esr
F o
2
⋅
F x_over
F esr
⋅
V o
V bg
⋅
:=
F o
F esr
<
F x_over
<
Fig. 2. SC2602L small signal model.
G m
1.8 mA
.
V
C
Vbg
1.25Vdc
L
Rc
R
Co
Gpwm
EA
Ro
R2
Vin
R1
0.5Vdc
0.8Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com