Electronic Components Datasheet Search
  English  ▼

X  

HT82M23C Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82M23C
Description  3/5-Key USBPS/2 Optical Mouse Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M23C Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82M23C Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT82M23A/HT82M23B/HT82M23C
3/5-Key USB+PS/2 Optical Mouse Controller
Selection Table
Part No.
Interface
Mode
USB Product ID
Package
HT82M23A
USB and PS/2
Windows 2000
048EH
20DIP/SOP
HT82M23B
USB and PS/2
3D
0499H
18DIP/SOP
HT82M23C
USB only
3D
0499H
18DIP/SOP
Rev. 1.10
1
January 22, 2007
Features
· Operating voltage: 4.4V~5.25V
· Compatible with Microsoft Windows 2000 and
5-button Wheel Mouse
· Microsoft 3D Intelli mouse and IBM PS/2 mouse
compatible
· Supports 3/5 buttons and Z-axis input
· Z-axis can support two kinds of scroller input
(optomechanical and mechanical)
· 3 key or 5 key mode can be selected by package
· Complete Universal Serial Bus specs V2.0
compatibility
· Serial Bus Interface Engine (SIE)
· USB transceiver
· Single chip solution especially for USB mouse
function
· HALT function and wake-up feature reduce power
consumption
· Plug and Play functions
· Minimal external components
· 6MHz crystal oscillator for system clock
· Interface compliant with ADNS-2051, ADNS-2610
and ADNS-2620
· Pass WHQL, USB-IF and EMC testing
· HT82M23A is pin compatible with HT82M22A
· HT82M23B/HT82M23C is pin compatible with
HT82M21A
· HT82M23A: 20-pin DIP/SOP package
HT82M23B/HT82M23C: 18-pin DIP/SOP package
General Description
HT82M23A/HT82M23B/HT82M23C is a Plug and Play
Windows 2000 and 5-button 3D USB+PS/2 Mouse con-
troller. The HT82M23A/HT82M23B/HT82M23C can
support the USB Standard Request as well as HID Class
Request version 1.1. It is compatible with Microsoft Intelli
3D or Windows 2000 5 key PS/2 mouse. The Z-axis can
support two kinds of scroller input, namely; mechanical
and optomechanical. It requires minimal external com-
ponents to implement 3D or Windows 2000 5 key USB
plus PS/2 mouse. All its features combined and make
up this versatile Holtek 8-bit MCU with an on-chip USB
interface logic. The USB is specified by the Universal
Serial Bus Specification V2.0.
The USB vendor ID for HT82M23A/HT82M23B/
HT82M23C is defined as 04D9H, the USB product ID is
different by different package


Similar Part No. - HT82M23C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M21A HOLTEK-HT82M21A Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
5-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M22A HOLTEK-HT82M22A Datasheet
95Kb / 6P
5-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
More results

Similar Description - HT82M23C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
5-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
3/5-Key 3D PS/2 Optical Mouse Controller
August 4, 2004
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
USB & PS/2 Optical Mouse Controller
logo
Holtek Semiconductor In...
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
August 4, 2004
HT82M32A HOLTEK-HT82M32A Datasheet
168Kb / 11P
3/5-Key 3D PS/2 Optical Mouse Controller
January 24, 2006
logo
ELAN Microelectronics C...
EKM8053 EMC-EKM8053 Datasheet
623Kb / 16P
USB & PS/2 Optical Mouse Controller
logo
Holtek Semiconductor In...
HT82M25X HOLTEK-HT82M25X Datasheet
144Kb / 13P
3/5-Key USBPS/2 Optical Mouse Controller
May 14, 2007
HT82M35X HOLTEK-HT82M35X Datasheet
104Kb / 7P
3/5-Key 3D PS/2 Optical Mouse Controller
May 30, 2007
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
3-Key 3D USBPS/2 Mouse Controller
October 31, 2006
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
3-Key 3D USBPS/2 Optical Mouse Controller
September 15, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com