Electronic Components Datasheet Search
  English  ▼

X  

HT82M23C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M23C
Description  3/5-Key USBPS/2 Optical Mouse Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M23C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M23C Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M23C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Pin Description
Pin Name
I/O
Description
VSS
¾
Negative power supply, ground
V33O
O
3.3V voltage output
USBD+/CLK
I/O
USB data plus or PS2 Clock, F/W auto-detect USBD+ for USB, CLK for PS2
USBD
-/DATA
I/O
USB data minus or PS2 Data, F/W auto-detect USB
- for USB, DATA for PS2
RESET
I
Chip reset input, low active
SEL1
SEL0
I
Configuration selections
SEL1=0: Z-axis is divided by 2 (default)
SEL1=1: Z-axis is divided by 4
For ADNS 2051:
SEL0=0: 800DPI (default)
SEL0=1: 400DPI
For ADNS 2610/2620:
SEL0=0, 400DPI (default)
SEL0=1, 800DPI-by firmware
SDIO
I/O
Serial data for Agilent sensor IC SDIO
SCLK
I
Serial data for Agilent sensor IC SCLK
RB0, RB1
L, R, M
I
Click button detection. Input ports with 30k
W pull-high resistor.
Input ports with pull-high resistor. These pads can function as Left, Right, Middle, B4 and B5
button input lines.
Z1, Z2
I
Z-axis input supports two kinds of scroller input; optomechanical and mechanical.
LED
I/O
Drives LED output
VDD
¾
5V positive power supply
OSC2
O
6MHz OSC output
OSC1
I
6MHz OSC input
Absolute Maximum Ratings
Supply Voltage ..............................VSS
-0.3V to VSS+6V
Storage Temperature ............................
-50°Cto125°C
MCU Input Voltage.....................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-25°Cto70°C
USB Input Voltage ....................VSS
-0.3V to V33O+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT82M23A/HT82M23B/HT82M23C
Rev. 1.10
3
January 22, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com