Electronic Components Datasheet Search
  English  ▼

X  

AD7849 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7849
Description  Serial Input, 14-Bit/16-Bit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7849 Datasheet HTML 3Page - Analog Devices AD7849 Datasheet HTML 4Page - Analog Devices AD7849 Datasheet HTML 5Page - Analog Devices AD7849 Datasheet HTML 6Page - Analog Devices AD7849 Datasheet HTML 7Page - Analog Devices AD7849 Datasheet HTML 8Page - Analog Devices AD7849 Datasheet HTML 9Page - Analog Devices AD7849 Datasheet HTML 10Page - Analog Devices AD7849 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AD7849
REV. B
–7–
1
2
VOUT
CH 2
200mV
M 2.00µs
CH1
–10mV
CH1
100mV
VREF+
C1 Pk-Pk
104mV
C2 Pk-Pk
216mV
C2 RISE
458ns
C2 FALL
452.4ns
Figure 5. Pulse Response (Small Signal)
VDD/VSS – Volts
2
0
11
16
12.25
13.5
14.75
1.5
1
0.5
TA = +25
°C
VREF+ = +5V
VREF– = 0V
GAIN = 1
Figure 6. Typical Integral Nonlinearity vs. Supplies
VDD/VSS – Volts
0.5
0
11
16
12
13
14
0.375
0.25
0.125
TA = +25
°C
VREF+ = +5V
VREF– = 0V
GAIN = 1
15
Figure 7. Typical Differential Nonlinearity vs. Supplies
C1 RISE
3.808 ms
C2 RISE
8µs
1
2
3
CH 2
10.0V
M 10.0ms CH 1
7.8V
CH1
10.0V
CH 3
5.00V
VDD
VOUT
LDAC
Figure 8. Turn-On Characteristics
7.8V
1
2
VDD
VOUT
C1 FALL
4.7621ms
CH 2
10.0V
M 1.00ms
CH 1
7.8V
CH1
10.0V
Figure 9. Turn-Off Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com