Electronic Components Datasheet Search
  English  ▼

X  

AD7849 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7849
Description  Serial Input, 14-Bit/16-Bit DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7849 Datasheet HTML 7Page - Analog Devices AD7849 Datasheet HTML 8Page - Analog Devices AD7849 Datasheet HTML 9Page - Analog Devices AD7849 Datasheet HTML 10Page - Analog Devices AD7849 Datasheet HTML 11Page - Analog Devices AD7849 Datasheet HTML 12Page - Analog Devices AD7849 Datasheet HTML 13Page - Analog Devices AD7849 Datasheet HTML 14Page - Analog Devices AD7849 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
REV. B
–12–
AD7849
Other Output Voltage Ranges
In some cases, users may require output voltage ranges other
than those already mentioned. One example is systems which
need the output voltage to be a whole number of millivolts (i.e.,
1 mV, 2 mV, etc.,). If Figure 18 is used, then the LSB size is
125
µV. This makes it possible to program whole millivolt val-
ues at the output. Table III shows the code table for Figure 18.
+15V
+5V
VDD
VCC
VREF+
VOUT
VOUT
(0V TO +8.192V)
DGND
VREF–
AD7849*
AD584
SIGNAL
GND
1
*ADDITIONAL PINS
OMITTED FOR CLARITY
8
4
ROFS
AGND
R2
R1
8.192V
Figure 18. 0 V to 8.192 V Output Range
Table III. Code Table for Figure 18
Binary Number
Analog Output
in DAC Latch
(VOUT)
MSB
LSB
1111 1111 1111 1111
8.192 V (65535/65536) = 8.1919 V
1000 0000 0000 0000
8.192 V (32768/65536) = 4.096 V
0000 0000 0000 1000
8.192 V (8/65536) = 0.001 V
0000 0000 0000 0100
8.192 V (4/65536) = 0.0005 V
0000 0000 0000 0010
8.192 V (2/65536) = 0.00025 V
0000 0000 0000 0001
8.192 V (1/65536) = 0.000125 V
NOTE: Assumes 16-bit resolution; 1 LSB = 8.192 V/2
16 = 125
µV.
Generating
5 V Output Range From Single +5 V Reference
The diagram below shows how to generate a
±5 V output range
when using a single +5 V reference. VREF– is connected to 0 V
and ROFS is connected to VREF+. The +5 V reference input is
applied to these pins. With all 0s loaded to the DAC, the non-
inverting terminal of the output stage amplifier is at 0 V and
VOUT is simply the inverse of VREF+. With all 1s loaded to the
DAC, the noninverting terminal of the output stage amplifier is
at 5 V and so VOUT is also at 5 V.
ROFS
+15V
+5V
VDD
VCC
VREF+
VOUT
VOUT
(–5V TO +5V)
DGND
VREF–
VSS
–15V
AD7849*
R1
10k
Ω
AD586
C1
1nF
SIGNAL GND
6
8
4
5
*ADDITIONAL PINS
OMITTED FOR CLARITY
2
AGND
Figure 19. Generating
±5 V Output Range From Single +5 V
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD7849 is via a serial bus
which uses standard protocol compatible with DSP processors
and microcontrollers. The communications channel requires a
three-wire interface consisting of a clock signal, a data signal
and a synchronization signal. The AD7849 requires a 16-bit
data word with data valid on the falling edge of SCLK. For all
the interfaces, the DAC update may be done automatically
when all the data is clocked in or it may be done under control
of
LDAC.
Figures 20 to 24 show the AD7849 configured for interfacing to
a number of popular DSP processors and microcontrollers.
AD7849-ADSP-2101/ADSP-2102 Interface
Figure 20 shows a serial interface between the AD7849 and the
ADSP-2101/ADSP-2102 DSP processor. The ADSP-2101/
ADSP-2102 contains two serial ports and either port may be
used in the interface. The data transfer is initiated by
TFS going
low. Data from the ADSP-2101/ ADSP-2102 is clocked into the
AD7849 on the falling edge of SCLK. The DAC can be up-
dated by holding
LDAC high while performing the write cycle.
TFS must be taken high after the 16-bit write cycle. LDAC is
brought low at the end of the cycle and the DAC output is up-
dated. In the interface shown the DAC is updated using an ex-
ternal timer which generates an
LDAC pulse. This could also be
done using a control or decoded address line from the proces-
sor. Alternatively, if the
LDAC input is hardwired low the out-
put update takes place automatically on the 16th falling edge of
SCLK.
AD7849*
LDAC
SCLK
SDIN
SYNC
ADSP-2101
ADSP-2102*
SCLK
DT
TFS
*ADDITIONAL PINS OMITTED FOR CLARITY
TIMER
Figure 20. AD7849 to ADSP-2101/ADSP-2102 Interface
AD7849-DSP56000 Interface
A serial interface between the AD7849 and the DSP56000 is
shown in Figure 21. The DSP56000 is configured for Normal
Mode Asynchronous operation with Gated Clock. It is also set
up for a 16-bit word with SCK and SC2 as outputs and the FSL
control bit set to a “0”. SCK is internally generated on the
DSP56000 and applied to the AD7849 SCLK input. Data from
the DSP56000 is valid on the falling edge of SCK. The SC2
output provides the framing pulse for valid data. This line must
be inverted before being applied to the
SYNC input of the
AD7849.
In this interface an
LDAC pulse generated from an external
timer is used to update the outputs of the DACs. This update
can also be produced using a bit programmable control line
from the DSP56000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com