Electronic Components Datasheet Search
  English  ▼

X  

SC2441AEVB Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 3Page - Semtech Corporation SC2441AEVB Datasheet HTML 4Page - Semtech Corporation SC2441AEVB Datasheet HTML 5Page - Semtech Corporation SC2441AEVB Datasheet HTML 6Page - Semtech Corporation SC2441AEVB Datasheet HTML 7Page - Semtech Corporation SC2441AEVB Datasheet HTML 8Page - Semtech Corporation SC2441AEVB Datasheet HTML 9Page - Semtech Corporation SC2441AEVB Datasheet HTML 10Page - Semtech Corporation SC2441AEVB Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
Pin Descriptions (Cont.)
0
22
L
D
G
m
o
r
f
s
g
n
i
w
s
e
g
a
tl
o
v
e
v
ir
d
e
t
a
G
.
T
E
F
S
O
M
s
u
o
n
o
r
h
c
n
y
S
2
l
e
n
n
a
h
C
r
o
f
t
u
p
t
u
O
e
v
ir
D
e
t
a
G
.
C
C
V
o
t
d
n
u
o
r
g
1
2C
C
V
e
h
T
.
s
r
e
v
ir
D
e
t
a
G
T
E
F
S
O
M
s
u
o
n
o
r
h
c
n
y
S
e
h
t
d
n
a
s
r
e
ll
o
r
t
n
o
C
n
w
o
d
-
p
e
t
S
h
t
o
B
r
o
f
e
g
a
tl
o
V
y
l
p
p
u
S
s
T
E
F
S
O
M
r
e
w
o
p
e
h
t
e
c
n
a
h
n
e
y
ll
u
f
o
t
h
g
u
o
n
e
h
g
i
h
t
o
n
s
i
N
I
V
fi
C
C
V
s
e
t
a
r
e
n
e
g
r
e
t
r
e
v
n
o
c
t
s
o
o
b
e
i
T
.
s
r
e
ll
o
r
t
n
o
c
n
w
o
d
-
p
e
t
s
e
h
t
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
s
y
r
a
il
i
x
u
a
n
a
s
e
d
i
v
o
r
p
r
e
t
r
e
v
n
o
c
t
s
o
o
b
e
h
t
d
n
a
.
d
e
d
e
e
n
t
o
n
s
i
r
e
t
r
e
v
n
o
c
t
s
o
o
b
e
h
t
fi
N
I
V
o
t
C
C
V
2
21
L
D
G
m
o
r
f
s
g
n
i
w
s
e
g
a
tl
o
v
e
v
ir
d
e
t
a
G
.
T
E
F
S
O
M
s
u
o
n
o
r
h
c
n
y
S
1
l
e
n
n
a
h
C
r
o
f
t
u
p
t
u
O
e
v
ir
D
e
t
a
G
.
C
C
V
o
t
d
n
u
o
r
g
3
21
H
D
G
o
t
d
n
u
o
r
g
m
o
r
f
s
g
n
i
w
s
e
g
a
tl
o
v
e
v
ir
d
e
t
a
G
.
T
E
F
S
O
M
r
e
p
p
U
1
l
e
n
n
a
h
C
r
o
f
t
u
p
t
u
O
e
v
ir
D
e
t
a
G
.
1
T
S
B
V
4
21
D
N
G
P
.
s
r
e
v
ir
D
e
t
a
G
e
h
t
f
o
n
r
u
t
e
R
d
n
u
o
r
G
r
e
w
o
P
5
21
T
S
B
n
a
d
n
a
r
o
ti
c
a
p
a
c
p
a
r
t
s
t
o
o
b
a
o
t
t
c
e
n
n
o
C
.
e
v
ir
D
e
t
a
G
r
e
p
p
U
1
l
e
n
n
a
h
C
r
o
f
y
l
p
p
u
S
d
e
p
p
a
r
t
s
t
o
o
B
.
e
d
o
i
d
l
a
n
r
e
t
x
e
6
22
D
N
G
P
.r
e
tt
i
m
E
h
c
ti
w
S
t
s
o
o
B
7
23
W
S
.
e
d
o
i
d
g
n
il
e
e
h
w
e
e
r
f
d
n
a
r
o
t
c
u
d
n
i
t
s
o
o
b
a
o
t
t
c
e
n
n
o
C
.r
o
t
c
e
ll
o
C
h
c
ti
w
S
t
s
o
o
B
8
2T
U
O
K
C.
)
b
(
5
e
r
u
g
i
F
n
i
m
a
r
g
a
i
d
g
n
i
m
it
e
e
S
.t
u
p
t
u
o
k
c
o
l
C
D
A
P
d
e
s
o
p
x
E
.
n
o
it
c
u
d
n
o
c
l
a
m
r
e
h
t
e
c
n
a
h
n
e
o
t
e
n
a
l
p
d
n
u
o
r
g
l
a
n
g
i
s
e
h
t
o
t
d
e
r
e
d
l
o
s
y
lr
e
p
o
r
p
e
b
t
s
u
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com