Electronic Components Datasheet Search
  English  ▼

X  

SC2441AEVB Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2441AEVB
Description  1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2441AEVB Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2441AEVB Datasheet HTML 17Page - Semtech Corporation SC2441AEVB Datasheet HTML 18Page - Semtech Corporation SC2441AEVB Datasheet HTML 19Page - Semtech Corporation SC2441AEVB Datasheet HTML 20Page - Semtech Corporation SC2441AEVB Datasheet HTML 21Page - Semtech Corporation SC2441AEVB Datasheet HTML 22Page - Semtech Corporation SC2441AEVB Datasheet HTML 23Page - Semtech Corporation SC2441AEVB Datasheet HTML 24Page - Semtech Corporation SC2441AEVB Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2441A
switching frequency and very short duty cycle is not
practical. If the input voltage is 3.3V and the operating
frequency is 1MHz, the lowest output voltage will be 0.6V.
There will not be enough modulation headroom if the on
time is simply made equal to the minimum on time of the
SC2441A. For ease of control, we recommend that the
required pulse width be at least 1.5 times the minimum
on time.
Maximum Duty-cycle Consideration
The top MOSFET turns off for at least 200ns every cycle
regardless of the switching frequency. This places an
upper bound on the voltage conversion ratio at a given
switching frequency.
If the desired output voltage requires high operating duty-
cycle, then operating frequency will have to be lowered
to allow modulating headroom.
RC Filtering network for V
CC and VIN pins
A RC filtering network is recommended for the SC2441A
V
CC and VIN pin connections. As shown in Figure 1, R6 plus
C
8 and R2 plus C2 are the filtering networks for VCC pin
and V
IN pin respectively. The value of the R6 and R2 ranges
from 3.3
Ω to 5.11Ω. C
8 and C2 should be larger than
1
µF.
C
8 and C2 are the decoupling capacitors for the VCC pin
and V
IN pin. They should be placed as close as possible
to the pins of the SC2441A to achieve the best
decoupling performance. Due to the different
functionalities of the V
CC pin and VIN pin, C2 should be
placed between the V
IN pin and the signal ground of the
SC2441A. And C
8 should be placed between the VCC pin
and the power ground of the SC2441A. The
recommended connections for the V
CC pin and VIN pin are
illustrated in Figure 8.
V
IN
GND
PGND1
SC2441A
9
24
V
CC
1
21
C
2
C
8
R
2
R
6
Figure 8. RC Network Connections for V
IN and VCC pins
Step-Up Converter
The SC2441A features a step-up regulator and two step-
down controllers.
The boost section of the SC2441A comprises of pins 7,
8, 26 and 27. Pin 26 is the independent power ground
for the boost converter section, which should be
separated from the step-down section power ground pin
24 in layout to minimize the noise influence. The boost
section in SC2441A has an internal reference set at
1.25V. The output of the boost section can be
programmed with external resistors R
1 and R4 as shown
in Figure 1.
4
4
1
BOOST
R
R
R
1.25V
V
+
´
=
SC2441A utilizes a transconductance error amplifier for
the step-up controller and it can be compensated with
C
3, R5 and C5 as shown in Figure 1. The step-up controller
in the SC2441A employs cycle-by-cycle peak current limit
to protect the internal switching transistor. Current limit
threshold is typically 0.8A.
In the applications where only low input voltage is
available, the step-up converter in the SC2441A is very
useful for generating an auxiliary output to power the
gate drive of the step-down controllers.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com