Electronic Components Datasheet Search
  English  ▼

X  

SC2434 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2434
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2434 Datasheet HTML 1Page - Semtech Corporation SC2434 Datasheet HTML 2Page - Semtech Corporation SC2434 Datasheet HTML 3Page - Semtech Corporation SC2434 Datasheet HTML 4Page - Semtech Corporation SC2434 Datasheet HTML 5Page - Semtech Corporation SC2434 Datasheet HTML 6Page - Semtech Corporation SC2434 Datasheet HTML 7Page - Semtech Corporation SC2434 Datasheet HTML 8Page - Semtech Corporation SC2434 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
 2005 Semtech Corp.
www.semtech.com
PRELIMINARY
POWER MANAGEMENT
SC2434
Pin Descriptions
Pin Configuration
Ordering Information
Note:
(1) Only available in tape and reel packaging. A reel
contains 1000 devices for the SOIC-20 and 2500 devices
for the TSSOP-20 package.
(2) Lead free package. Devices are fully WEEE and RoHS
compliant.
(3) Specify SOIC-20 or TSSOP-20 package.
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
14
D
I
VB
S
M
23
D
I
V
32
D
I
V
41
D
I
V
50
D
I
VB
S
L
6N
I
G
P
.
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
h
g
u
o
r
h
t
t
u
p
t
u
o
r
o
t
a
l
u
g
e
r
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
t
u
p
n
i
d
o
o
g
r
e
w
o
P
7T
U
O
R
R
E.
t
u
p
t
u
o
r
e
i
f
il
p
m
a
-
r
o
r
r
E
8T
U
O
G
P.
)
r
o
t
c
e
ll
o
c
n
e
p
o
(
l
a
n
g
i
s
t
u
p
t
u
o
d
o
o
g
r
e
w
o
P
9B
F.
t
u
p
n
i
g
n
i
t
r
e
v
n
i
r
e
i
f
il
p
m
a
-
r
o
r
r
E
0
1F
E
R
C
S
O.
g
n
i
t
t
e
s
y
c
n
e
u
q
e
r
f
r
o
t
a
ll
i
c
s
O
1
1F
E
R
C
A
D.
g
n
i
t
t
e
s
t
n
e
r
r
u
c
C
A
D
2
1+
C
O.
t
u
p
n
i
e
v
i
t
i
s
o
p
,
e
s
n
e
s
t
n
e
r
r
u
c
t
u
p
n
i
y
l
p
p
u
S
3
1-
C
O.
t
u
p
n
i
e
v
i
t
a
g
e
n
,
e
s
n
e
s
t
n
e
r
r
u
c
t
u
p
n
i
y
l
p
p
u
S
4
1D
N
G
A.
n
i
p
d
n
u
o
r
g
g
o
l
a
n
A
5
1C
P
.
n
o
i
t
a
r
e
p
o
e
s
a
h
p
2
r
o
f
t
i
d
n
u
o
r
G
.
n
o
t
a
r
e
p
o
e
s
a
h
p
3
r
o
f
h
g
i
h
r
o
g
n
i
t
a
o
l
f
t
i
e
v
a
e
L
.
l
o
r
t
n
o
c
e
s
a
h
P
6
13
T
U
O
.
d
e
l
b
a
s
i
d
s
i
3
T
U
O
d
e
d
n
u
o
r
g
s
i
n
i
p
C
P
n
e
h
W
.
3
e
s
a
h
p
r
o
f
t
u
p
t
u
o
M
W
P
7
12
T
U
O.
2
e
s
a
h
p
r
o
f
t
u
p
t
u
o
M
W
P
8
11
T
U
O.
1
e
s
a
h
p
r
o
f
t
u
p
t
u
o
M
W
P
9
1T
U
O
G
B.
e
c
n
e
r
e
f
e
r
p
a
g
d
n
a
B
0
2C
C
V.
y
l
p
p
u
s
e
v
i
t
i
s
o
p
p
i
h
C
e
c
i
v
e
De
g
a
k
c
a
P
e
g
n
a
R
.
p
m
e
T
T
(
A)
R
T
W
S
4
3
4
2
C
S
)
1
(
0
2
-
C
I
O
S0
7
-
0
oC
R
T
S
T
4
3
4
2
C
S
)
1
(
0
2
-
P
O
S
S
T0
7
-
0
oC
T
R
T
W
S
4
3
4
2
C
S
)
2
,
1
(
0
2
-
C
I
O
S0
7
-
0
oC
T
R
T
S
T
4
3
4
2
C
S
)
2
,
1
(
0
2
-
P
O
S
S
T0
7
-
0
oC
B
V
E
4
3
4
2
C
S
)
3
(
d
r
a
o
B
n
o
i
t
a
u
l
a
v
E
(20-Pin SOIC or TSSOP)
Top View
VID4
VID3
VID2
VID1
VID0
PGIN
ERROUT
PGOUT
FB
OSCREF
VCC
BGOUT
OUT1
OUT2
OUT3
PC
AGND
OC-
OC+
DACREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com