Electronic Components Datasheet Search
  English  ▼

X  

SC2434 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2434
Description  TriPhase Current Mode Controller with Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2434 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2434 Datasheet HTML 4Page - Semtech Corporation SC2434 Datasheet HTML 5Page - Semtech Corporation SC2434 Datasheet HTML 6Page - Semtech Corporation SC2434 Datasheet HTML 7Page - Semtech Corporation SC2434 Datasheet HTML 8Page - Semtech Corporation SC2434 Datasheet HTML 9Page - Semtech Corporation SC2434 Datasheet HTML 10Page - Semtech Corporation SC2434 Datasheet HTML 11Page - Semtech Corporation SC2434 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
 2005 Semtech Corp.
www.semtech.com
PRELIMINARY
POWER MANAGEMENT
SC2434
Applications Information (Cont.)
Program The Controller
Please refer to Fig. 1 and the application schematics in
this data sheet for the discussion. The resistor from pin
10 to ground, R
OSC, programs the switching frequency. The
resistor from pin 11 to ground, R
DAC, sets the DAC current
step size. The resistors, R
FB, ROS , and RDRP set the DAC
step size, the output voltage set point, and the droop,
respectively.
MathCAD programs are available to calculate the required
parameters upon request.
Programming The Switching Frequency
The oscillator frequency can be selected first by setting the
value of R
OSC as given below:
R OSC
28.5 K
Ω
.
750 KHz
.
F osc
.
I DAC_LSB
1
16
V bg
R DAC
.
R FB
VID step
I DAC_LSB
The per phase switching frequency is 1/3 of the oscilla-
tor frequency in three-phase mode. It is recommended
that per phase switching frequency is 200~300KHz for
good trade off of efficiency vs. transient responses.
Programming The DAC Step Size
The SC2434 allows programming of the output voltage
and the DAC step size by selecting external resistors. The
LSB of the DAC current is given by:
where V
bg is the trimmed voltage reference (Vbg = 1.5V)
and R
DAC is the resistor from pin 11 to ground.
For the
given VID step size (25mV for VRM9.0 and VRM9.2 speci-
fications), the feedback resistor can be calculated accord-
ing to the LSB of DAC current:
The above two equations are for choosing R
DAC and RFB
simultaneously. The advantage of this method is that new
VID step size can be accommodated by modifying external
components while maintaining the required precision.
Choose Current Sensing Resistor According To The
Threshold Of OCP
The SC2434 controller has an over current protection (OCP)
threshold of 120mV. The normal practice is to let the
peak voltage across the sensing resistor corresponding to
full-load operation be 75% of the given OCP threshold:
R drp
R FB R sense
.
G ca
.
∆V
out
∆I
out
N phase
.
where I
peak is the peak current of the output inductor. Since
the choice of sensing resistor values are limited, typically 3
mOhm, 4 mOhm, or 5 mOhm, it is recommended to choose
the sensing resistor with a bigger value than that was cal-
culated, and to use a resistive divider to get the equiva-
lent R
sense value.
The two attenuation resistors should
have value of 20 Ohm in parallel. A filter capacitor of
10nF is also needed to be across the OC+ and OC- pins of
the controller IC. Please refer the application circuit sche-
matic.
Programming The Dynamic (Active) Droop
To optimize transient responses, the SC2434 actively regu-
lates output voltage as a function of output current. At
zero current the output is positioned to the upper limit of
the regulation window. As the load increases, the output
“droops” towards the lower limit. This makes optimum
use of the output voltage error band, yielding minimum
output capacitor size and cost.
The droop is adjusted by setting the DC gain of the error
amplifier. This is done by choosing the resistor from the
ERROUT pin to the FB pin (R
DRP) of the controller.
While
the optimum value of R
DRP may be derived experimentally,
the following equation can provide the first order calcula-
tion for given droop slope:
where R
sense is the current sensing resistance after taken
into account of attenuation, and G
ca is the gain of the
current amplifier while N
phase is number of phases being
used.
Any output interconnection impedance not within the feed-
back loop can contribute to additional drooping. This ef-
fect has to be taken into account. Usually, when testing
the regulation at different CPU pins, the results may vary
slightly by same token.
It is important to use surface mount current sensing resis-
tor to minimize the parasitic inductance for accurate cor-
relation between the above equation and the test results.
This is because the inductive contribution, which may also
R sense
75% "120mV
I peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com