Electronic Components Datasheet Search
  English  ▼

X  

SC2608AEVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2608AEVB
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608AEVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2608AEVB Datasheet HTML 6Page - Semtech Corporation SC2608AEVB Datasheet HTML 7Page - Semtech Corporation SC2608AEVB Datasheet HTML 8Page - Semtech Corporation SC2608AEVB Datasheet HTML 9Page - Semtech Corporation SC2608AEVB Datasheet HTML 10Page - Semtech Corporation SC2608AEVB Datasheet HTML 11Page - Semtech Corporation SC2608AEVB Datasheet HTML 12Page - Semtech Corporation SC2608AEVB Datasheet HTML 13Page - Semtech Corporation SC2608AEVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608A
Application Information
Bill of Materials
Bill of Materials
Bill of Materials
Bill of Materials
Bill of Materials
m
e
t
Iy
t
i
t
n
a
u
Qe
c
n
e
r
e
f
e
Rt
r
a
Pr
e
d
n
e
V
11
1
CV
6
1
/
F
u
7
.
4y
n
A
22
3
C
,
2
CV
6
1
/
F
u
0
0
5
1J
F
c
i
n
o
s
a
n
a
P
31
4
CV
0
5
/
F
p
0
0
1y
n
A
42
3
1
C
,
5
CV
6
1
/
F
u
1y
n
A
51
6
CV
5
2
/
F
n
8
6y
n
A
62
8
C
,
7
CV
3
.
6
/
F
u
0
0
2
2J
F
c
i
n
o
s
a
n
a
P
73
1
1
C
,
0
1
C
,
9
CV
3
.
6
/
F
u
7
.
4y
n
A
81
2
1
CF
n
2
.
2y
n
A
91
1
LH
u
2
.
1y
n
A
0
11
1
QA
L
3
0
N
9
0
D
P
In
o
e
n
i
f
n
I
1
11
2
QA
L
3
0
N
3
1
D
P
In
o
e
n
i
f
n
I
2
11
1
R2
R
2y
n
A
3
11
2
RK
1y
n
A
4
12
6
R
,
3
R%
1
,
K
1y
n
A
5
12
5
R
,
4
R0
R
1y
n
A
6
11
1
UA
8
0
6
2
C
SH
C
E
T
M
E
S
TTTTTypical Application Schematic
ypical Application Schematic
ypical Application Schematic
ypical Application Schematic
ypical Application Schematic
BST
1
DH
2
GND
3
DL
4
VCC
5
SENSE
6
COMP/SS
7
Phase
8
U1
SC2608A
C3
C2
C1
C9
C10
C11
C7
C8
Q1
Q2
L11.2uH
C5
1uF/16V
R1
2R2
R4
1R
C12
2.2n
R5
1R
C13
1uF/16V
+12V/+5V/+3.3V
+12V
R3
1k
R6
1k
Sense
Sense
C6
68nF
C4
100pF
R2 1k
2.5VOUT/15A
VOUT=0.8V X (R3+R6)/R6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com