Electronic Components Datasheet Search
  English  ▼

X  

SC2608AEVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC2608AEVB
Description  Simple, Synchronous Voltage Mode PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2608AEVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC2608AEVB Datasheet HTML 7Page - Semtech Corporation SC2608AEVB Datasheet HTML 8Page - Semtech Corporation SC2608AEVB Datasheet HTML 9Page - Semtech Corporation SC2608AEVB Datasheet HTML 10Page - Semtech Corporation SC2608AEVB Datasheet HTML 11Page - Semtech Corporation SC2608AEVB Datasheet HTML 12Page - Semtech Corporation SC2608AEVB Datasheet HTML 13Page - Semtech Corporation SC2608AEVB Datasheet HTML 14Page - Semtech Corporation SC2608AEVB Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
© 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2608A
SE E D E T A IL
DE T A IL
A
A
.0 5 0 B S C
.2 3 6 B S C
8
.0 1 0
.150
.189
.1 5 4
.1 9 3
.012
-
8
0.2 5
1.2 7 B S C
6.0 0 B S C
3.9 0
4.9 0
-
.1 5 7
.1 9 7
3.8 0
4.8 0
.0 20
0 .31
4.0 0
5.0 0
0.5 1
bx N
2X N /2 T IP S
SE AT IN G
aaa C
E/2
2X
12
N
A
D
A1
E1
bbb
C
A-B D
cc c
C
e/2
A2
(.041 )
.0 0 4
.0 0 8
-
.0 2 8
-
-
-
-
0
.016
.007
.049
.004
.053
8
0
0.2 0
0.1 0
-
8
0.4 0
0.1 7
1.2 5
0.1 0
.0 4 1
.0 1 0
.0 6 9
.0 6 5
.0 1 0
1.3 5
(1 .04)
0.7 2
-
1.0 4
0.2 5
-
-
-
1.7 5
1.6 5
0.2 5
0.2 5
-
.010
.0 20
0.5 0
-
c
L
(L1)
01
0.25
GA G E
PL AN E
h
h
3.
DIM E N S IO N S "E 1 " A N D "D " DO NO T INCL UDE M O L D F L A S H , P R OT RUS IO NS
O R G A T E B URRS .
-B -
CO NT RO L L ING DIM E NS IO N S A R E IN M IL L IM E T E RS (A NG L E S IN DE G R E E S ).
D A T U M S
A N D
T O B E D E T E R M IN E D A T D A T U M P L A N E
N O T ES:
1.
2.
-A -
-H -
SID E VIEW
A
B
C
D
e
H
PL A N E
L1
N
01
bb b
aa a
cc c
A
b
A2
A1
D
E
E1
L
h
e
c
DIM
MIN
MIL L IM E T E R S
NOM
DIM E N S IO NS
IN C H E S
MIN
M A X
MA X
NO M
E
Outline Drawing - SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com