Electronic Components Datasheet Search
  English  ▼

X  

SC614 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 1 Page - Semtech Corporation

  SC614 Datasheet HTML 1Page - Semtech Corporation SC614 Datasheet HTML 2Page - Semtech Corporation SC614 Datasheet HTML 3Page - Semtech Corporation SC614 Datasheet HTML 4Page - Semtech Corporation SC614 Datasheet HTML 5Page - Semtech Corporation SC614 Datasheet HTML 6Page - Semtech Corporation SC614 Datasheet HTML 7Page - Semtech Corporation SC614 Datasheet HTML 8Page - Semtech Corporation SC614 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
POWER MANAGEMENT
SC614
Low Noise Backlight and Flash
Driver With Serial Interface
United States Patent No. 6,504,422
www.semtech.com
POWER MANAGEMENT
April 28, 2006
Features
Four independent current sinks for main backlight,
adjustable from 0.4mA to 32mA each
Dedicated MDIM pin for PWM dimming of main
backlight
Three independent current sinks for sub-backlight
or flash, adjustable from 0.4mA to 102mA each
Configurable sub-backlight or flash sinks
Dedicated SDIM pin for PWM dimming of sub-
backlight
Dedicated FL pin for flash control
Current accuracy to within ±1.5% down to 4.8mA
Current matching to within ±0.5% down to 4.8mA
Very high efficiency over 90% of battery life
Shutdown current 0.1μA (typ)
Three charge pump operating modes: 1x, 1.5x,
and 2x
I2C serial interface
Soft-start/in-rush current limiting
1.33MHz and 250kHz programmable fixed
frequency options
Short-circuit/thermal protection
Output open circuit protection
MLPQ-24 package (4mm x 4mm), fully WEEE and
RoHS compliant
Cellular phone backlighting and flash
LCD modules
PDA backlighting and flash
RGB LED Driver
The SC614 is a high efficiency charge pump LED driver
using Semtech’s proprietary mAhXLifeTM technology.
Performance is optimized for use in Li-ion battery
applications.
Each of 7 LED currents can be programmed via the
I2C serial control bus. M1 through M4 are for LED
backlighting of LCD main displays. S1/FL3 through
S3/FL1 can be used for backlighting sub displays and/
or for driving flash LEDs. These three current sinks are
configurable over the I2C interface for any combination
of pins for sub or flash use.
The charge pump automatically selects an operating
mode based on the number of active loads, input
voltage, and load currents required. Any combination of
LED drivers can be enabled at one time, allowing the
SC614 to power any combination of backlight and flash
required by the application.
Two dedicated pins, MDIM and SDIM, are provided to
allow PWM dimming of the main and sub-backlights and
one dedicated pin, FL, allows direct control of the flash.
All three pins can be utilized without having to use the
I2C interface once the registers are set up.
The enable pin can be used to put the device in
low-current shutdown mode drawing 0.1μA (typ), or a reg-
ister can be written that sets the device in a sleep mode
that reduces the current to 50μA (typ).
Description
D1
LED
C2
1u
434mA Max (500ms)
D2
LED
D3
LED
D4
LED
D5
LED
32mA Max
32mA Max
32mA Max
32mA Max
306mA Max.
C1
2u2
C3 1u
C4 1u
VIN
11
VIN
17
EN
2
SDA
7
SCL
8
ASEL
5
SDIM
3
MDIM
4
FL
6
VOUT
9
VOUT
16
M1
1
M2
24
M3
23
M4
22
S1/FL3
20
S2/FL2
19
S3/FL1
18
GND
12
GND
21
U1
SC614
EN
SDA
SCL
SDIM
FL
MDIM
328mA Max Continuous
VBAT
R1
Pull-up
R2
Pull-up
VLOGIC
Note: R1 and R2
pull-up resistors are a
requirement of the I2C
specification
MAIN BACKLIGHT
FLASH
Typical Application Circuit
Applications


Similar Part No. - SC614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC614-R ETC1-SC614-R Datasheet
271Kb / 9P
Speech And Music Processor
SC614-RL1 ETC1-SC614-RL1 Datasheet
271Kb / 9P
Speech And Music Processor
More results

Similar Description - SC614

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC606 SEMTECH-SC606 Datasheet
373Kb / 18P
Low Noise Smart LED Driver with Serial Interface
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
Backlight Driver for 5 LEDs with SemPulseTM Interface
SC658 SEMTECH-SC658 Datasheet
544Kb / 22P
Backlight Driver for 4 LEDs with SemPulseTM Interface
SC662 SEMTECH-SC662 Datasheet
961Kb / 30P
Backlight Driver for 6 LEDs with SemPulse짰 Interface
logo
Texas Instruments
DRV8830 TI-DRV8830 Datasheet
829Kb / 23P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
logo
Micrel Semiconductor
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
logo
Texas Instruments
DRV8830 TI-DRV8830_15 Datasheet
1Mb / 25P
LOW-VOLTAGE MOTOR DRIVER WITH SERIAL INTERFACE
DRV8830 TI1-DRV8830_16 Datasheet
487Kb / 22P
Low-Voltage Motor Driver With Serial Interface
logo
Micrel Semiconductor
MIC2874 MICREL-MIC2874 Datasheet
2Mb / 22P
1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
MIC2873 MICREL-MIC2873 Datasheet
1Mb / 24P
1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com