Electronic Components Datasheet Search
  English  ▼

X  

SC614 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC614
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC614 Datasheet HTML 16Page - Semtech Corporation SC614 Datasheet HTML 17Page - Semtech Corporation SC614 Datasheet HTML 18Page - Semtech Corporation SC614 Datasheet HTML 19Page - Semtech Corporation SC614 Datasheet HTML 20Page - Semtech Corporation SC614 Datasheet HTML 21Page - Semtech Corporation SC614 Datasheet HTML 22Page - Semtech Corporation SC614 Datasheet HTML 23Page - Semtech Corporation SC614 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
20
Using the I2C Serial Port
The I2C General Specification
The SC614 is a read-write slave-mode I2C device and complies with the Philips I2C standard Version 2.1 dated
January 2000. The SC614 has nine user-accessible internal 8-bit registers. The I2C interface has been designed for
program flexibility, in that once the slave address has been sent to the SC614 enabling it to be a slave
transmitter/receiver any register can be written or, read from independently of each other. While there is no auto
increment/decrement capability in the SC614 I2C logic, a tight software loop can be designed to randomly access
the next register independent of which register you begin accessing. The start and stop commands frame the data-
packet and the repeat start condition is allowed if necessary.
SC614 Limitations to the I2C specifications
Seven bit addressing is used and ten bit addressing is not allowed. Any general call address will be ignored by the
SC614. The SC614 is not CBUS compatible. Finally, the SC614 can operate in standard mode (100kbit/s) or fast
mode (400kbit/s).
Supported Formats
Direct Format - Write: The simplest format for an I2C write is the direct format write. After the master sends a start
condition, the slave address is sent followed by an eighth bit indicating a write. The SC614 then acknowledges that
it is being addressed, and the master responds with an 8-bit data byte consisting of the target register address. The
slave acknowledges and the master sends the appropriate 8-bit data byte. Once again the slave acknowledges and
the master terminates the transfer with a stop condition.
S
s
s
e
r
d
d
A
e
v
a
l
S
WA
s
s
e
r
d
d
A
r
e
t
s
i
g
e
RA
a
t
a
DA
P
S:
Start Condition
Slave Address:
7 bit
W:
Write = 0
Register Address:
8 bit
A:
Acknowledge (SDA low)
Data:
8 bit
P:
Stop Condition
Shaded represents transmission from master to slave and unshaded represents transmission from slave to master.
Combined Format (Read/Write): After a start condition, the slave address is sent followed by an eighth bit
indicating a write. The SC614 then acknowledges that it is being addressed, and the master responds with an 8 bit
data byte consisting of the target register address. The slave acknowledges once more and the master sends the
repeated start condition. Once again, the slave address is sent, followed by an eighth bit indicating a read or write.
The slave responds with an acknowledge. If the command was a write, the master sends the appropriate 8-bit data
byte. Once again the slave acknowledges and the master terminates the transfer with a stop condition. If the
command was a read, the slave sends the appropriate 8-bit data byte, to which the master sends a not
acknowledge and then terminates the transfer with a stop condition.
S
s
s
e
r
d
d
A
e
v
a
l
S
WA
s
s
e
r
d
d
A
r
e
t
s
i
g
e
RA
r
S
s
s
e
r
d
d
A
e
v
a
l
S
W
/
RA
a
t
a
D
)
1
(
N
/
A
)
1
(
P
S:
Start Condition
N:
Not Acknowledge(SDA high)(1)
W:
Write = 0
P:
Stop Condition
A:
Acknowledge (SDA low)
Slave Address:
7 bit
Sr:
Repeated Start Condition
Register Address:
8 bit
R:
Read = 1
Data:
8 bit
Shaded represents transmission from master to slave and unshaded represents transmission from slave to master.
(1) Not shaded because transfer direction depends upon R/W bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com