Electronic Components Datasheet Search
  English  ▼

X  

SC251 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC251
Description  Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC251 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC251 Datasheet HTML 5Page - Semtech Corporation SC251 Datasheet HTML 6Page - Semtech Corporation SC251 Datasheet HTML 7Page - Semtech Corporation SC251 Datasheet HTML 8Page - Semtech Corporation SC251 Datasheet HTML 9Page - Semtech Corporation SC251 Datasheet HTML 10Page - Semtech Corporation SC251 Datasheet HTML 11Page - Semtech Corporation SC251 Datasheet HTML 12Page - Semtech Corporation SC251 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
© 2006 Semtech Corp.
www.semtech.com
SC251
POWER MANAGEMENT
Figure 4 - Load Profile-High Power Mode
Maximum Load
Typical Load
Minimum Load
V
OUT(V)
High Power Mode
The SC251 enters high power mode when the VMODE
pin is pulled low. In this mode the V
DAC to VOUT transfer
function is set to follow the solid line curve shown in
Figure 2. The output voltage again starts at 0.5V and
increases exponentially as the power demand increases
until it reaches the maximum of 3.4V. A typical WCDMA
load profile for high power mode with the minimum and
maximum current limits is shown in Figure 4. If the power
control for the PA requires the output voltage to exceed
3.4V, then the SC251 goes into pass-through mode and
V
OUT is equal to VIN minus the voltage dropped across the
pass-through device (V
dropout).
Figure 3 - Load Profile-Low Power Mode
Maximum Load
Minimum Load
Typical
Load
V
OUT(V)
In high power mode the PA gain is constant, but output
impedance is lower and the subsequent input voltage
required to achieve the desired output power is less than
in low power mode. The SC251 output, therefore, switches
to the solid line curve in the V
DAC-to- VOUT in Figure 2. The
lower output voltage required improves efficiency over a
single mode system by lowering the voltage required for a
fixed current load.
100% Duty Cycle Operation
When the input supply voltage approaches the
programmed output voltage the PMOS on-time extends
until the supply voltage gets within 400mV of the output
voltage. At this point both the internal pass device and the
PMOS switching device automatically turns on, connecting
V
IN to VOUT. The bypass device and PMOS switching device
remains fully on until either the V
IN voltage is increased
by 150mV or the programmed V
OUT voltage is reduced
such that V
IN – VOUT is greater than 650mV. Bypassing the
impedance of the inductor and switching PMOS device
improves efficiency by minimizing the voltage drop from
V
OUT to VIN.
Pass-Through Mode
This mode is entered when the V
DAC voltage reaches
1.28V. If the demanded output voltage is within 400mV
of the input voltage the device automatically enters
pass-through as this exceeds the maximum controlled
duty cycle of the power converter. In pass-through mode
the device enables an internal P-channel MOSFET that
bypasses the converter, connecting the output directly to
the input. The R
DSon of this FET is extremely low so there is
little voltage drop across the part. If the system designer
determines that the pass-through resistance is too high
for the application, there is an optional gate-drive output
that can be used with an external switch.
The GD pin becomes active-low only when V
DAC is greater
than 1.4V. This pin can be connected to the gate of an
external low-R
DSon P-channel MOSFET whose source and
drain are connected to V
IN and VOUT, respectively. This
option allows the lowest insertion loss possible between
V
IN and VOUT . Note that GD should not be loaded with a DC
current. GD is monitored so that the part remains in pass-
through until GD reaches within 600mV of V
IN.
Bias Supply Output
In addition to the main output the SC251 also provides a
low current LDO reference output that can be used as a
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com