Electronic Components Datasheet Search
  English  ▼

X  

SC251 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC251
Description  Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC251 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC251 Datasheet HTML 11Page - Semtech Corporation SC251 Datasheet HTML 12Page - Semtech Corporation SC251 Datasheet HTML 13Page - Semtech Corporation SC251 Datasheet HTML 14Page - Semtech Corporation SC251 Datasheet HTML 15Page - Semtech Corporation SC251 Datasheet HTML 16Page - Semtech Corporation SC251 Datasheet HTML 17Page - Semtech Corporation SC251 Datasheet HTML 18Page - Semtech Corporation SC251 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
SC251
POWER MANAGEMENT
Oscillator Frequency vs. Temperature
R
DSON vs. VIN
R
DSON vs. Temperature
PMOS FET Leakage vs. Tempera
ture
-0.5
0
0.5
1
1.5
2
-40
-15
10
35
60
85
TJ (°C)
VIN=3.5V
VIN=2.7V
VIN=4V
VIN=5V
PASS FET Leakage vs. Input Voltage
0
1
2
3
4
5
6
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Dynamic Supply Current vs. V
IN
0.1
0.15
0.2
0.25
0.3
0.35
2.5
3
3.5
4
4.5
5
VIN(V)
Bypass FET
NMOS
PMOS
25°C
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-40
-25
-10
5
20
35
50
65
80
95
110
125
TJ (° C)
Bypass FET
NMOS
PMOS
VIN=4V
-0.5
0
0.5
1
1.5
2
-40
-15
10
35
60
85
TJ (°C)
VIN=3.5V
VIN=2.7V
VIN=4V
VIN=5V
850
900
950
1000
1050
1100
1150
-40
-20
0
20
40
60
80
100
120
140
Temperature(°C)
Typical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com